BML0805-R15K
AI

The **BML0805-R15K** is a surface-mount multilayer ferrite chip inductor. It is a passive electronic component commonly used for high-frequency filtering and electromagnetic interference (EMI) suppression.
---
### 1. Key Technical Specifications
| Parameter | Specification | Details |
|:---|:---|:---|
| **Inductance** | 0.15 µH (150 nH) | The core property of the component. |
| **Tolerance** | ±10% (K) | Indicated by the 'K' suffix. |
| **Case Size** | 0805 (Metric 2012) | 2.0mm x 1.25mm footprint. |
| **Material** | Ferrite | High-density multilayer construction. |
| **Self-Resonant Frequency** | ~250 MHz | The point where it stops acting as an inductor. |
| **DC Resistance (DCR)** | ~0.40 Ω | Max resistance of the internal coil. |
| **Rated Current** | ~250 mA | Maximum continuous current allowed. |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the component's capabilities:
* **BML**: Series identifier (typically indicating a Multilayer Ferrite Inductor).
* **0805**: The physical dimensions (0.08 inches by 0.05 inches).
* **R15**: The inductance value. "R" acts as the decimal point (R15 = 0.15 µH).
* **K**: The tolerance code (K = ±10%).
---
### 3. Core Features and Applications
#### Features
- **Magnetic Shielding**: The multilayer structure provides closed magnetic circuits, minimizing crosstalk between components.
- **High Reliability**: No leads to break; excellent solderability and heat resistance for reflow soldering.
- **Compact Profile**: Ideal for high-density PCB designs.
#### Typical Applications
1. **Noise Suppression**: Filtering high-frequency noise in power supply lines.
2. **Signal Conditioning**: Used in RF circuits and communication equipment (mobile phones, Wi-Fi modules).
3. **Consumer Electronics**: Found in tablets, laptops, and portable media players to stabilize voltage rails.
---
### 4. Implementation Example
In a typical circuit, this inductor is placed in series with a power line to form a low-pass filter when paired with a capacitor.
```markdown
[Power Source] ---- [BML0805-R15K] ---- [Load]
|
[Capacitor]
|
[GND]
```
- ⤷
What are the main differences between ferrite and ceramic inductors in the 0805 size?
- ⤷ How does the self-resonant frequency affect circuit performance?
- ⤷ What is the equivalent part number from other manufacturers like TDK or Murata?