BML0805-R27K
AI

The **BML0805-R27K** is a surface-mount multilayer ferrite chip inductor. This component is commonly used in high-frequency circuits for signal conditioning, EMI suppression, and filtering.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **BML** | Series | Multilayer Ferrite Chip Inductor |
| **0805** | Case Size | Imperial size (approx. 2.0 x 1.25 mm) |
| **R27** | Inductance Value | **0.27 µH** (R acts as a decimal point) |
| **K** | Tolerance | **±10%** |
---
### 2. Key Technical Specifications
Based on standard industry data for this part type:
* **Inductance:** 270 nH (0.27 µH)
* **Tolerance:** ±10%
* **Test Frequency:** Typically 25 MHz
* **Q Factor (Quality):** High Q (Min 15-20) for efficiency in filtering.
* **SRF (Self-Resonant Frequency):** Usually > 150 MHz (Ensures it acts as an inductor in high-speed circuits).
* **DC Resistance (DCR):** Low resistance (typically < 0.50 Ω) to minimize power loss.
* **Rated Current:** Usually around 200mA - 300mA.
---
### 3. Construction and Material
Unlike wire-wound inductors, the **BML series** uses a multilayer process:
* **Structure:** Sintered ferrite layers with internal silver (Ag) printed electrodes.
* **Shielding:** The magnetic structure is closed, providing excellent **magnetic shielding**. This minimizes cross-talk between components on a dense PCB.
* **Termination:** Lead-free (Sn) plating over nickel (Ni) for high solderability and heat resistance.
---
### 4. Applications
The BML0805-R27K is primarily used in low-to-medium power signal paths:
1. **EMI Suppression:** Filtering high-frequency noise in communication lines.
2. **Impedance Matching:** Used in RF circuits to match impedances for maximum power transfer.
3. **Mobile Electronics:** Ideal for smartphones, tablets, and portable devices due to its small 0805 footprint.
4. **Decoupling:** Filtering noise from DC power rails in digital circuits.
---
### 5. Recommended Footprint (0805)
```markdown
Dimensions:
L: 2.0mm ± 0.2mm
W: 1.25mm ± 0.2mm
T: 0.85mm to 1.25mm (varies by manufacturer)
```
- ⤷
What are the differences between a multilayer ferrite inductor and a wire-wound inductor?
- ⤷ Can I use this inductor for high-power DC-DC converters?
- ⤷ What happens to the inductance if the operating frequency exceeds the SRF?