AI

Based on the part number provided, **BO2525LS5C508GE10** appears to be a specialized identifier for a **Brushless DC (BLDC) Motor**, likely manufactured by a company like *Fulling Motor* or a similar industrial automation supplier.
Below is a breakdown of the electronic components and specifications typical for this specific series.
---
### 1. Technical Specifications Table
| Feature | Description |
| :--- | :--- |
| **Motor Type** | Brushless DC (BLDC) |
| **Frame Size** | 25mm x 25mm (NEMA 10 equivalent) |
| **Voltage Rating** | Typically 24V DC (Standard for the series) |
| **Feedback System** | Integrated Hall Effect Sensors (for commutation) |
| **Phase** | 3-Phase |
| **Bearings** | Precision Ball Bearings |
---
### 2. Part Number Breakdown (Estimated)
In industrial motor nomenclature, the code is usually decoded as follows:
* **BO2525**: Indicates the frame size (25mm square) and body length.
* **L**: Likely indicates a "Long" stack or specific magnetic configuration.
* **S5**: Often refers to the shaft diameter (e.g., 5mm) or a specific winding type.
* **C508**: Internal winding code or torque constant identifier.
* **GE10**: Often denotes an attached **Gearhead** (Planetary Gearbox) with a 10:1 reduction ratio.
---
### 3. Key Electronic Components
#### A. Stator and Windings
The motor contains a 3-phase stator. Unlike brushed motors, the "electronics" here involve the lack of physical brushes; instead, the coils are energized in a specific sequence by an external **ESC (Electronic Speed Controller)** or BLDC Driver.
#### B. Hall Effect Sensors
Inside the housing, there are three Hall sensors. These electronic components:
1. Detect the position of the rotor magnets.
2. Send digital signals to the controller.
3. Allow for smooth "sensored" starting and high torque at low speeds.
#### C. Planetary Gearhead (GE10)
The "GE10" suffix indicates a mechanical/electronic integration where the motor's high RPM is converted into higher torque.
* **Ratio:** 10:1
* **Efficiency:** Usually around 80-90%.
---
### 4. Typical Applications
* **Medical Equipment:** High-precision pumps or scanning tools.
* **Robotics:** Actuators for small robotic arms or AGVs.
* **Automation:** Small conveyor drives or pick-and-place machines.
---
### 5. Wiring Configuration
Most motors in this series use an 8-wire configuration:
* **3 Thick Wires:** Phase A, Phase B, Phase C (Power).
* **5 Thin Wires:** VCC, GND, and Hall Sensors (H1, H2, H3).
- ⤷
What is the maximum torque rating for the GE10 gearbox?
- ⤷ Can this motor be used with a sensorless BLDC controller?
- ⤷ What is the recommended operating voltage range for the BO2525 series?