BP104FASR
AI

## Overview of the BP104FASR
The **BP104FASR** is a high-speed Silicon PIN Photodiode known for its high sensitivity and fast response times. It is specifically designed for applications involving infrared radiation, featuring a built-in daylight filter to minimize interference from visible light.
---
### Technical Specifications
The following table summarizes the key electrical and optical characteristics of the BP104FASR:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Peak Sensitivity Wavelength** | $\lambda_p$ | 950 | nm |
| **Spectral Range of Sensitivity** | $\lambda_{0.1}$ | 800 — 1100 | nm |
| **Radiant Sensitive Area** | $A$ | 4.02 | $mm^2$ |
| **Open-Circuit Voltage** | $V_O$ | 350 ($E_e=0.5 mW/cm^2$) | mV |
| **Short-Circuit Current** | $I_{SC}$ | 38 | $\mu A$ |
| **Rise and Fall Time** | $t_r, t_f$ | 20 | ns |
| **Reverse Voltage (Max)** | $V_R$ | 20 | V |
---
### Key Electronic Components & Features
1. **PIN Structure**:
Unlike standard PN junctions, the PIN photodiode includes an intrinsic (undoped) layer between the P and N layers. This allows for a lower junction capacitance, resulting in significantly **faster switching speeds** and higher sensitivity.
2. **Daylight Filter**:
The device is encapsulated in a black epoxy resin. This material acts as a physical band-pass filter that blocks visible light (below 800nm) and allows infrared light to pass through. This makes it ideal for remote controls and outdoor IR sensors.
3. **Surface Mount Technology (SMD)**:
The "SR" suffix typically denotes its packaging style, which is designed for automated "Pick and Place" assembly on PCBs. It features a compact, flat-top design.
4. **High Linearity**:
The output current is highly linear in relation to the incident light intensity, making it reliable for precision measurement.
---
### Typical Circuit Application
When using the BP104FASR, it is commonly operated in **Photoconductive Mode** (reverse biased) to achieve the fastest response times for data transmission.
```python
# Simple Transimpedance Amplifier (TIA) logic
# Photodiode Current (Ip) -> Voltage (Vout)
Vout = Ip * Rf # Rf is the Feedback Resistor
```
#### Usage Scenarios:
* **High-speed IR data transmission** (IRDA).
* **Industrial Automation**: Light barriers and counters.
* **Remote Controls**: TV and Air Conditioning receivers.
* **Security Systems**: IR beam detectors.
---
- ⤷
What is the difference between Photoconductive and Photovoltaic modes for this diode?
- ⤷ How does the daylight filter affect the signal-to-noise ratio?
- ⤷ What are the recommended soldering temperature profiles for the BP104FASR?