BQ20Z655-R1
AI

## Overview of BQ20Z655-R1
The **BQ20Z655-R1** is a high-performance, SBS-compliant (Smart Battery System) gas gauge and protection IC designed for 2-series to 4-series cell Li-Ion and Li-Polymer battery packs. It utilizes Texas Instruments' proprietary **Impedance Track™** technology to provide highly accurate predictions of remaining battery capacity.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Cell Configuration** | 2 to 4 Series Li-Ion/Polymer cells |
| **Communication** | SMBus v1.1 Interface |
| **Gauging Technology** | Impedance Track™ (Resistive compensation) |
| **Current Sensing** | High-side sensing using a Shunt Resistor |
| **Package** | 30-pin TSSOP (DBT) |
| **Operating Voltage** | 3.0V to 25V |
---
### 2. Core Functional Components
The internal architecture consists of several specialized blocks:
#### A. The Gas Gauge Engine
The heart of the IC is the **Impedance Track™ engine**. Unlike traditional Coulomb counters, it measures the battery's internal impedance in real-time. This allows the IC to account for:
* Battery aging (SOH - State of Health).
* Temperature variations.
* Discharge rate variations.
#### B. Analog Front End (AFE)
The device includes an integrated AFE that monitors:
* **Voltage:** Individual cell voltages (for balancing and protection).
* **Current:** Charge and discharge currents via a low-resistance sense resistor.
* **Temperature:** Support for multiple NTC thermistors.
#### C. Safety and Protection
The BQ20Z655-R1 provides multi-level protection against:
* Overcharge (Voltage and Current).
* Over-discharge (Voltage).
* Short-circuit conditions.
* Thermal runaway (Over-temperature).
* Cell imbalance.
---
### 3. Peripheral Hardware Requirements
To implement this part in a circuit, several external components are required:
1. **Sense Resistor ($R_{SENSE}$):** Typically a 5mΩ to 20mΩ high-precision resistor used to measure current.
2. **Charge/Discharge FETs:** N-Channel MOSFETs controlled by the IC to disconnect the battery in case of a fault.
3. **Cell Balancing Circuitry:** Passive components (resistors/capacitors) to bleed off excess charge from specific cells.
4. **Chemical Fuse:** A secondary safety mechanism that the IC can blow permanently if a catastrophic failure is detected.
---
### 4. Implementation Example (Simplified Pins)
```c
// SMBus typical communication flow
1. Request Device Type -> Returns 0x0655
2. Read State of Charge (SOC) -> Returns percentage (%)
3. Read Remaining Capacity -> Returns mAh
4. Read Full Charge Capacity -> Returns mAh (updates with aging)
```
---
### 5. Benefits of the "-R1" Version
The "R1" suffix indicates a revision that includes optimized firmware for better stability, improved LED display support (up to 5 segments), and enhanced SBS data reporting compared to the original version.
- ⤷What are the main differences between Impedance Track and standard Coulomb counting?
- ⤷ How do you calibrate the BQ20Z655-R1 for a specific battery chemistry?
- ⤷ Can the BQ20Z655-R1 be used for single-cell (1S) applications?