Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • BQ20Z95DBTR

  • AI
    ## Overview of BQ20Z95DBTR The **BQ20Z95DBTR** is a high-accuracy, SBS-compliant (Smart Battery System) gas gauge IC designed for lithium-ion (Li-Ion) and lithium-polymer (Li-Poly) battery packs. It integrates Texas Instruments' proprietary **Impedance Track™** technology to provide real-time monitoring of battery capacity and health. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Texas Instruments (TI) | | **Package** | 30-Pin TSSOP | | **Supported Chemistries** | Li-Ion, Li-Poly | | **Cell Configuration** | 2 to 4 cells in series | | **Communication Interface** | SMBus v1.1 | | **Integrated Protection** | Over/Under Voltage, Over Current, Short Circuit, Temperature | | **Technology** | Impedance Track™ Gas Gauging | --- ### 2. Core Functional Blocks #### A. Gas Gauging (Impedance Track™) Unlike traditional "Coulomb counting" methods, Impedance Track™ measures the chemical state of the battery by: * Measuring open-circuit voltage (OCV). * Accounting for cell impedance (internal resistance) under load. * Calculating the remaining capacity based on real-world discharge curves. #### B. Protection Circuitry The IC includes a primary and secondary protection scheme to ensure safety: * **Voltage Protection:** Monitors individual cell voltages to prevent overcharge and deep discharge. * **Current Protection:** Detects overcurrent during charging/discharging and triggers the safety FETs. * **Thermal Protection:** Monitors internal and external thermistors to shut down the system if the battery overheats. #### C. Analog Front End (AFE) The BQ20Z95 serves as both a gauge and a controller for the external power MOSFETs. It includes high-resolution ADCs (Analog-to-Digital Converters) for precise current and voltage measurements. --- ### 3. Application Circuit Components When designing with the BQ20Z95DBTR, several peripheral electronic components are required: 1. **Sense Resistor ($R_{SENSE}$):** A low-resistance (typically 5mΩ to 20mΩ) precision resistor used to measure current flow. 2. **Power MOSFETs:** Two N-channel FETs are used to control the Charge (CHG) and Discharge (DSG) paths. 3. **Thermistors:** 10kΩ NTC thermistors are connected to monitor cell temperature. 4. **EEPROM/Flash:** The IC contains internal memory to store configuration data and chemistry profiles (CEDV or IT tables). --- ### 4. Communication Protocol Example The BQ20Z95 communicates via **SMBus**. Developers typically interact with it using specific command codes. ```c // Example pseudo-code for reading Battery Status via SMBus #define SMB_ADDR 0x16 // Default BQ20Z95 Address #define CMD_BATTERY_STATUS 0x16 uint16_t readBatteryStatus() { uint16_t status = SMBus_ReadWord(SMB_ADDR, CMD_BATTERY_STATUS); return status; } ``` --- ### 5. Common Applications * Notebook and Laptop battery packs. * Medical instrumentation. * Portable industrial equipment. * High-end power tools.
    ✨ Follow-up Questions
    • ⤷ How does Impedance Track technology differ from traditional Coulomb counting?
    • ⤷ What are the specific external MOSFET requirements for the BQ20Z95?
    • ⤷ Can the BQ20Z95 be used for 1S (single cell) battery configurations?