Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • BQ30Z554-R1

  • AI
    The **BQ30Z554-R1** is a highly integrated Lithium-Ion battery pack manager designed by Texas Instruments. It is commonly used in laptop batteries, medical equipment, and portable industrial tools. It utilizes **Impedance Track™ technology** to provide high-accuracy gas gauging. --- ## 1. Core Functional Blocks The device integrates several critical electronic components into a single package: | Component | Description | | :--- | :--- | | **Microcontroller** | An internal low-power CPU that runs firmware for fuel gauging and protection logic. | | **Fuel Gauge** | Uses the **Impedance Track™** algorithm to calculate State of Charge (SoC) by measuring voltage, current, and temperature. | | **AFE (Analog Front End)** | Monitors individual cell voltages and provides hardware-level protection. | | **EEPROM/Flash** | Stores configuration parameters, chemistry profiles, and cycle counts. | | **Authentication** | Includes SHA-1 authentication to prevent the use of counterfeit battery packs. | --- ## 2. Key Electronic Features ### A. Protection Mechanism The BQ30Z554-R1 provides multi-stage protection to ensure battery safety: * **Voltage:** Overvoltage (OV) and Undervoltage (UV). * **Current:** Overcurrent in Charge (OCC), Overcurrent in Discharge (OCD), and Short Circuit (ASCC). * **Temperature:** Overtemperature (OT) and Undertemperature (UT) for both cells and FETs. * **Hardware Fail-safe:** A dedicated pin for a permanent failure fuse (FUSE) in case of critical MOSFET failure. ### B. Cell Balancing It features **internal cell balancing**. While the battery is charging, the chip can bypass small amounts of current around specific cells to ensure all cells in a series string reach the same voltage, extending the overall lifecycle of the pack. ### C. Communication Interface The chip communicates with the host system (e.g., a laptop motherboard) via the **SMBus (System Management Bus) v1.1**. This allows the host to read: * Remaining Capacity (mAh). * Full Charge Capacity (FCC). * Battery Status and Health (SoH). * Manufacturing Date and Serial Number. --- ## 3. Typical Application Circuit In a standard schematic, the BQ30Z554-R1 interacts with several external parts: 1. **Sense Resistor:** A low-resistance (typically 5–20 mΩ) resistor used to measure current flow. 2. **N-Channel MOSFETs:** Two power FETs (Charge and Discharge) controlled by the IC to disconnect the battery in case of a fault. 3. **Thermistor:** An external NTC resistor placed near the cells to monitor heat. 4. **Chemical Fuse:** A three-terminal fuse that the IC can physically blow if it detects a permanent hardware failure. --- ## 4. Technical Specifications | Parameter | Value | | :--- | :--- | | **Series Cell Count** | 2-series to 4-series (2S - 4S) | | **Communication Port** | SMBus | | **Package** | 30-pin TSSOP | | **Current Sensing** | Via external high-side or low-side sense resistor |
    ✨ Follow-up Questions
    • ⤷ How does Impedance Track technology differ from traditional coulomb counting?
    • ⤷ What are the common causes for a BQ30Z554-R1 to trigger a permanent failure (PF) flag?
    • ⤷ What software is required to program and calibrate this chip?