Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • BQ40Z50-R1

  • AI
    ## Overview of the BQ40Z50-R1 The **BQ40Z50-R1** is a highly integrated, 1-series to 4-series cell Li-Ion battery pack manager. It incorporates a battery gas gauge, protection circuitry, and authentication features into a single IC. It utilizes **Impedance Track™ technology** to provide highly accurate battery capacity predictions. --- ### Core Electronic Components & Architecture The internal and surrounding circuitry of the BQ40Z50-R1 can be categorized into four primary electronic systems: | System | Components | Function | | :--- | :--- | :--- | | **Gas Gauging** | Internal ADC, Sense Resistor | Measures voltage, current, and temperature to calculate State of Charge (SoC). | | **Protection** | High-side N-CH MOSFETs | Manages Overcharge, Over-discharge, Short Circuit, and Over-temperature. | | **Balancing** | Internal/External Bypass FETs | Evens out the voltage across cells to extend battery cycle life. | | **Communication** | SMBus / I2C Interface | Reports battery data to the host system (Laptop, Robot, Medical device). | --- ### Key Technical Specifications * **Cell Support:** 1-series to 4-series (1s to 4s) Li-Ion/Li-Polymer. * **Operating Voltage:** 2.2V to 26V. * **Package:** 32-pin VQFN. * **Authentication:** SHA-1 crypto-engine for verifying genuine battery packs. * **Balancing:** Integrated cell balancing up to 10mA; supports external FETs for higher currents. --- ### Typical Application Circuitry To function correctly, the BQ40Z50-R1 requires specific external electronic parts: 1. **Sense Resistor ($R_{sense}$):** Usually a high-precision, low-resistance resistor (e.g., $10m\Omega$) used to measure current flow. 2. **Protection FETs:** Two N-Channel MOSFETs placed on the high side of the circuit (CHG and DSG) to interrupt current during fault conditions. 3. **Thermistor (NTC):** Connected to the TS1-TS4 pins to monitor the physical temperature of the battery cells. 4. **Filter Capacitors:** Decoupling capacitors (usually $0.1\mu F$) on the VC1-VC4 pins to stabilize voltage readings. --- ### Protection Features (Safety) The chip provides hardware-level protection against the following: * **Overvoltage (OV):** Prevents cell damage from overcharging. * **Undervoltage (UV):** Prevents deep discharge which can kill Li-Ion cells. * **Overcurrent in Discharge (OCD):** Protects against excessive load. * **Short Circuit in Discharge (ASCC):** Millisecond-level response to high-current shorts. --- ### Comparison: BQ40Z50-R1 vs. BQ40Z50-R2 | Feature | BQ40Z50-R1 | BQ40Z50-R2 | | :--- | :--- | :--- | | **Standard Support** | Basic Impedance Track | Improved Turbo Mode 2.0 | | **Protection** | Standard Hardware/Firmware | Enhanced Lifetime Data Logging | | **Firmware Fixes** | Original Version | Improved handling of high-current pulses |
    ✨ Follow-up Questions
    • ⤷ How do you configure the BQ40Z50-R1 for a 2-series (2S) battery configuration?
    • ⤷ What is the role of the 'Black Box' recorder in this IC?
    • ⤷ Can you explain the difference between internal and external cell balancing for this chip?