BR24C04-RDS6TP
AI

The **BR24C04-RDS6TP** is a specific model of an I²C bus EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by **Rohm Semiconductor**. It is widely used for non-volatile data storage in consumer electronics and industrial applications.
---
## 1. Technical Specifications
The following table summarizes the key electrical and physical parameters:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 4 Kbit (512 x 8 bits) |
| **Interface** | I²C (2-wire Serial) |
| **Operating Voltage** | 1.6V to 5.5V |
| **Clock Frequency** | 400 kHz (Fast Mode) |
| **Package Type** | MSOP8 (Mini Small Outline Package) |
| **Write Cycles** | 1,000,000 times |
| **Data Retention** | 40 Years |
| **Operating Temp** | -40°C to +85°C |
---
## 2. Pin Configuration
The device comes in an 8-pin package. Below is the standard pinout description:
1. **A0, A1, A2:** Address inputs (used to set the device address on the I²C bus).
2. **GND:** Ground.
3. **SDA:** Serial Data input/output.
4. **SCL:** Serial Clock input.
5. **WP:** Write Protect (protects data from being overwritten when high).
6. **VCC:** Power Supply.
---
## 3. Key Functional Features
* **Byte/Page Write:** Supports writing a single byte or a page (up to 16 bytes) at a time.
* **Low Power Consumption:** Optimized for battery-powered devices, with very low current draw during standby.
* **Noise Filter:** Includes a built-in Schmitt trigger and noise filter on the SCL/SDA inputs to prevent data corruption.
* **Hardware Write Protection:** The WP pin provides a physical method to lock the memory against accidental writes.
---
## 4. Part Number Breakdown
Understanding the suffix helps in sourcing the exact component:
* **BR24C04:** Series Name (I²C EEPROM, 4K capacity).
* **RDS:** Refers to the specific package and revision (MSOP8).
* **6:** Temperature range code (Standard industrial -40°C to +85°C).
* **TP:** Packaging type (Tape and Reel).
---
## 5. Typical Application Circuit
When connecting this to a microcontroller (like an Arduino or STM32), pull-up resistors are required on the SDA and SCL lines.
```cpp
// Example: Basic Arduino pseudo-code to address the BR24C04
#include
#define DEVICE_ADDRESS 0x50 // Standard base address for EEPROM
void setup() {
Wire.begin();
// Start transmission to the EEPROM
Wire.beginTransmission(DEVICE_ADDRESS);
Wire.write(0x00); // Memory address MSB
Wire.write(0x42); // Data to write
Wire.endTransmission();
}
```
- ⤷
What is the difference between the BR24C04 and the BR24G04 series?
- ⤷ How do the address pins A0
- ⤷ A1
- ⤷ and A2 function in a multi-device setup?
- ⤷ Can this EEPROM be used with a 1.8V logic microcontroller?