BRS-A-R025
AI

The **BRS-A-R025** is a specialized electronic component primarily used in power management and sensing circuits. It belongs to the category of **High-Precision Current Sense Resistors** (Shunts).
### 1. Key Technical Specifications
The part number follows a standard nomenclature for sensing resistors. Below are the estimated technical parameters:
| Parameter | Value/Description |
| :--- | :--- |
| **Component Type** | Shunt Resistor (Metal Strip) |
| **Resistance Value** | 0.025 $\Omega$ (25 m$\Omega$) |
| **Tolerance** | Usually ±1% or ±5% |
| **Power Rating** | Typically 1W to 3W (Package dependent) |
| **Material** | Manganin or NiCr Alloy |
| **Temperature Coefficient** | Low TCR (e.g., < 50 ppm/°C) |
---
### 2. Functional Purpose
The primary role of the BRS-A-R025 is **Current Sensing**. Because the resistance value is extremely low (25 m$\Omega$), it can be placed in series with a load without causing significant voltage drop or power loss.
#### How it works:
According to Ohm’s Law ($V = I \times R$), as current flows through this resistor, it generates a very small proportional voltage. A microcontroller or an Op-Amp measures this voltage to determine the exact amount of current flowing through the circuit.
---
### 3. Physical Construction
These parts are typically designed as **Metal Strip Resistors** rather than thick-film resistors.
* **Heat Dissipation:** The metal alloy body allows it to handle surges and high temperatures.
* **AEC-Q200:** Many "BRS" series resistors are automotive grade, meaning they are tested for high vibration and extreme thermal cycling.
---
### 4. Typical Applications
* **Battery Management Systems (BMS):** To monitor charge and discharge cycles.
* **Motor Controllers:** To detect over-current conditions and protect the motor.
* **Power Supplies:** For feedback loops in DC-DC converters.
* **Automotive Electronics:** Sensing current in fuel pumps or lighting modules.
---
### 5. Implementation Example
In a typical circuit, the resistor is placed in the "low-side" (between the load and ground):
```c
// Example: Calculating current in firmware
float V_measured = read_adc(); // Voltage across R025
float R_value = 0.025; // 25mOhm
float Current = V_measured / R_value;
```
---
- ⤷
What is the maximum current capacity of the BRS-A-R025?
- ⤷ What are the footprint/package dimensions for this component?
- ⤷ How does the 'A' suffix in the part number affect its environmental rating?