BRS-M-R003
AI

The **BRS-M-R003** is a specialized electronic component, specifically a **high-precision current sense resistor** (shunt resistor). These parts are designed to measure current flow by creating a very small voltage drop that can be measured by a microcontroller or monitoring IC.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. Key Technical Specifications
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Shunt / Current Sense Resistor |
| **Resistance Value** | 3.0 mΩ (0.003 Ohms) |
| **Tolerance** | ±1% or ±5% (depending on specific sub-series) |
| **Power Rating** | 3W to 5W (standard for this footprint) |
| **Temperature Coefficient (TCR)** | Low (typically < 50 ppm/°C) |
| **Material** | Manganin or Ni-Cr Alloy on a substrate |
---
### 2. Core Electronic Characteristics
#### A. Low Resistance Value (3 mΩ)
The "R003" in the part number signifies its resistance value of **0.003 Ohms**. This ultra-low resistance is essential to ensure that the component does not dissipate excessive heat or cause a significant voltage drop in the circuit it is monitoring.
#### B. Kelvin Connection Capability
Many parts in the BRS series are designed for **4-terminal (Kelvin) sensing**. This separates the current path from the voltage sensing path, eliminating the resistance of the lead wires from the measurement, which ensures extreme accuracy.
#### C. Thermal Stability
Because these parts handle high current, they are built with materials that have a low **Temperature Coefficient of Resistance (TCR)**. This means the resistance remains stable even as the part heats up during operation.
---
### 3. Common Applications
These components are typically found in power management sectors:
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium batteries.
* **Motor Control:** Detecting over-current conditions in industrial motors.
* **DC-DC Converters:** Providing feedback loops for current regulation.
* **Automotive Electronics:** Used in Electric Vehicle (EV) power distribution units.
---
### 4. Typical Footprint & Physical Form
The BRS series usually features a **Metal Plate** construction. Unlike standard ceramic resistors, these are stamped from a solid piece of alloy. This makes them extremely robust against "surge" currents (sudden spikes) that might blow a standard resistor.
---
- ⤷
What is the maximum current capacity of the BRS-M-R003 based on its power rating?
- ⤷ How does a 4-terminal Kelvin connection improve sensing accuracy?
- ⤷ Can this resistor be used in high-frequency AC applications?