Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • BT151-800-R

  • AI
    ## Technical Overview of BT151-800R The **BT151-800R** is a high-performance **Silicon Controlled Rectifier (SCR)**, commonly referred to as a thyristor. It is designed for power switching applications where high voltage and medium current handling are required. ### 1. Key Specifications The following table outlines the primary electrical characteristics of the BT151-800R: | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | **Repetitive Peak Off-State Voltage** | $V_{DRM}$ | 800 V | | **RMS On-State Current** | $I_{T(RMS)}$ | 12 A | | **Non-Repetitive Peak Surge Current** | $I_{TSM}$ | 120 A (at 10ms) | | **Gate Trigger Current** | $I_{GT}$ | 2 mA to 15 mA | | **Gate Trigger Voltage** | $V_{GT}$ | 1.5 V | | **Package Type** | - | TO-220AB | --- ### 2. Physical Characteristics & Pinout The BT151-800R is typically housed in a **TO-220AB** plastic package, which allows for easy mounting to a heatsink. * **Pin 1 (Cathode):** Connected to the negative side of the circuit. * **Pin 2 (Anode):** Connected to the load (also connected to the mounting base). * **Pin 3 (Gate):** Used to trigger the device "ON." --- ### 3. Core Functionality As an SCR, the BT151 acts as a **solid-state switch**. Unlike a transistor, once it is triggered by a pulse at the gate, it remains "ON" (latched) even if the gate signal is removed. It only turns "OFF" when the current flowing through the Anode and Cathode drops below a certain threshold (holding current). #### Typical Use Cases: 1. **Motor Control:** Adjusting the speed of universal motors in tools or appliances. 2. **Static Switching:** Replacing mechanical relays for faster and more silent operation. 3. **Heating Control:** Managing power in electric heaters via phase control. 4. **Protection Circuits:** Used in "Crowbar" circuits to protect sensitive electronics from overvoltage. --- ### 4. Application Example: Basic AC Control Below is a conceptual representation of how a trigger circuit might be structured for an SCR. ```c // Pseudo-logic for MCU-based SCR Triggering if (Zero_Cross_Detected) { delay(desired_phase_angle); // Wait to control power level pulse_high(GATE_PIN); // Turn on BT151 delay_microseconds(10); // Short pulse pulse_low(GATE_PIN); // SCR stays ON until next zero cross } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between an SCR like the BT151 and a Triac?
    • ⤷ How do I calculate the required heatsink size for a 12A load?
    • ⤷ Can the BT151-800R be used for DC motor speed control?