BTL-51YEC-Y2-R
AI

The **BTL-51YEC-Y2-R** is an electronic component primarily used in signaling and display applications. Based on its nomenclature, it is a **5mm Yellow LED (Light Emitting Diode)** with specific optical and physical characteristics.
### 1. General Specifications
The following table outlines the typical technical parameters for this type of LED component:
| Parameter | Description |
| :--- | :--- |
| **Part Number** | BTL-51YEC-Y2-R |
| **LED Type** | Through-hole (Radial) |
| **Diameter** | 5mm (T-1 3/4) |
| **Color** | Yellow (Approx. 585nm - 595nm) |
| **Lens Appearance** | Yellow Diffused / Color Tinted |
| **Luminous Intensity** | Standard brightness (mcd range varies by batch) |
| **Viewing Angle** | Generally 30° to 60° (due to diffusion) |
---
### 2. Electrical Characteristics
To operate this component safely without burning the diode, the following electrical limits must be observed:
* **Forward Voltage ($V_f$):** Typically **1.8V to 2.4V**.
* **Forward Current ($I_f$):** Rated at **20mA** for continuous operation.
* **Peak Forward Current:** Up to **100mA** (at 1/10 duty cycle, 0.1ms pulse width).
* **Reverse Voltage ($V_r$):** Maximum **5V**.
* **Power Dissipation:** Approximately **60mW - 75mW**.
---
### 3. Physical Construction
The "Y2-R" suffix often indicates specific manufacturing standards or packaging styles (such as RoHS compliance or Bulk/Ammo pack).
* **Anode (+):** The longer lead.
* **Cathode (-):** The shorter lead, usually marked by a flat side on the LED epoxy base.
* **Diffused Lens:** The "EC" or "Y" in the code often refers to a diffused lens, which scatters light to provide a wide viewing angle, making it ideal for indicator lights rather than spot lighting.
### 4. Application Use Cases
1. **Status Indicators:** Power-on lights for consumer electronics.
2. **Control Panels:** Industrial signal displays.
3. **Backlighting:** Small LCD or button illumination.
4. **DIY Electronics:** Breadboard prototyping and hobbyist projects.
---
- ⤷
How do I calculate the resistor value needed for this LED at 5V?
- ⤷ What is the difference between a diffused lens and a water-clear lens for this model?
- ⤷ What is the maximum operating temperature for the BTL-51YEC-Y2-R?