BVS-I-R005
AI

The **BVS-I-R005** is a high-precision **Current Sense Resistor** (Shunt) manufactured by Isabellenhütte. It is part of the BVS series, known for its extreme stability and low resistance values, making it ideal for power electronics and automotive applications.
---
### 1. Key Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Resistance Value** | 0.5 mΩ (0.0005 Ω) | Indicated by "R005" |
| **Power Rating** | Up to 12W | Depending on mounting and cooling |
| **Tolerance** | ±1% or ±5% | Typical for industrial sensing |
| **Temp. Coefficient (TCR)** | < 30 ppm/K | Ensures accuracy across temperature changes |
| **Operating Temp.** | -55°C to +170°C | Robust for harsh environments |
| **Material** | MANGANIN® | Proprietary alloy for high stability |
---
### 2. Internal Composition and Design
The BVS-I-R005 utilizes **Electron Beam Welding (EBW)** technology. It consists of a resistive alloy (Manganin) welded between two heavy copper connectors.
* **Four-Terminal Sensing (Kelvin Connection):** While the physical package is often two-terminal, the internal geometry is designed to minimize the influence of lead resistance, allowing for highly accurate voltage tapping.
* **Low Inductance:** The flat, solid construction results in parasitic inductance of less than **3 nH**, which is critical for high-frequency switching circuits.
---
### 3. Application Use Cases
This component acts as a transducer, converting high current into a measurable millivolt signal ($V = I \times R$).
1. **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in Electric Vehicles (EV).
2. **Motor Control:** Providing feedback for phase current in industrial drives.
3. **Power Inverters:** Used in solar or UPS systems to regulate output current.
4. **Smart Grids:** High-current sensing in distribution modules.
---
### 4. Part Number Breakdown: BVS-I-R005
* **BVS:** Series name (SMD Power Resistor).
* **I:** Size/Configuration code.
* **R005:** Resistance value (0.005 ohms / 0.5 milliohms).
---
### 5. Mounting Considerations
* **Heat Dissipation:** Due to the low resistance and high current capacity, significant heat can be generated. Large copper pads and heavy traces are required on the PCB to act as a heat sink.
* **Soldering:** Compatible with Reflow soldering; the copper terminals are typically tin-plated to ensure good solderability and prevent oxidation.
- ⤷
What is the maximum current capacity for the BVS-I-R005 at 12W?
- ⤷ How does Manganin compare to other resistive alloys in terms of stability?
- ⤷ What are the recommended PCB layout practices for 4-terminal sensing with this resistor?