Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • BW1F-R100FTQ

  • AI
    ## BW1F-R100FTQ Component Analysis The **BW1F-R100FTQ** is a high-precision, flame-proof power resistor manufactured by **RCD Components**. It belongs to the BW series, which is known for combining a small physical size with high power handling capabilities. --- ### 1. Technical Specifications The part number follows a specific nomenclature. Below are the primary electronic characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Resistance Value** | 0.10 $\Omega$ | Indicated by "R100" | | **Tolerance** | $\pm 1\%$ | Indicated by "F" | | **Power Rating** | 1 Watt | Rated at 70°C (Series BW1) | | **Temperature Coefficient** | $\pm 100$ ppm/°C | Standard for the series | | **Package Type** | Axial Lead | Through-hole mounting | | **Coating** | Flameproof | Silicone/Ceramic based | --- ### 2. Key Design Features * **Wirewound Construction:** This part uses a resistive wire wound around a ceramic core, providing excellent stability and surge handling compared to film resistors. * **Flameproof Protection:** The "F" in the series name (or coating type) signifies that the resistor is designed not to ignite or produce flames even when subjected to severe overloads. * **Fail-Safe Characteristic:** In the event of a catastrophic failure, it acts similarly to a fuse, opening the circuit safely. --- ### 3. Application Use Cases Due to its low resistance (0.10 $\Omega$) and 1W power rating, this component is typically used in the following scenarios: 1. **Current Sensing:** Measuring current flow in power supplies or battery management systems by monitoring the voltage drop across the 0.10 $\Omega$ resistance. 2. **Inrush Current Limiting:** Protecting sensitive circuits from sudden spikes during startup. 3. **Feedback Loops:** Used in motor controllers or DC-DC converters for precise regulation. --- ### 4. Physical Dimensions (Standard BW1) * **Body Length:** ~9.5 mm (0.375") * **Body Diameter:** ~3.5 mm (0.138") * **Lead Diameter:** ~0.6 mm (22 AWG)
    ✨ Follow-up Questions
    • ⤷ What are the alternatives to the BW1F-R100FTQ if wirewound construction is not required?
    • ⤷ How does the temperature derating curve affect the 1W power rating?
    • ⤷ Can this resistor be used in high-frequency RF applications?