Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • BW1F-R100GTW

  • AI
    The **BW1F-R100GTW** is a specific type of electronic component, primarily classified as a **Precision Power Resistor** or **Cement-Encased Wirewound Resistor**, often utilized in power management and current sensing applications. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Key Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Wirewound Resistor | Constructed by winding metal wire on an insulating core. | | **Resistance Value** | 0.1 $\Omega$ (R100) | Low resistance value, typical for current sensing. | | **Tolerance** | $\pm 2\%$ (G) | High precision for power resistors. | | **Power Rating** | 1 Watt (1F) | The maximum power the unit can dissipate safely. | | **Packaging** | Tape & Reel (TW) | Designed for automated SMT or THT placement. | --- ### 2. Physical Construction and Features The BW series is known for its **Flameproof** and **Moisture-resistant** properties. Here are the core electronic parts involved in its construction: 1. **Resistive Element:** High-grade alloy wire (usually Nickel-Chrome) wound around a ceramic rod. 2. **Encapsulation:** A molded ceramic or cement housing (Square/Rectangular) which provides excellent thermal dissipation and electrical insulation. 3. **Terminals:** Tin-plated copper leads designed for high conductivity and ease of soldering. --- ### 3. Electronic Functionality The "R100" designation (0.1 Ohm) dictates how this part functions within a circuit: * **Current Sensing:** Because of the low resistance, it is often placed in series with a load. By measuring the voltage drop across this resistor ($V = I \times R$), the control circuit can calculate the exact current flowing through the system. * **Surge Protection:** Wirewound resistors are more robust against temporary high-voltage surges compared to metal film resistors, making them ideal for power supply inputs. * **Heat Dissipation:** The ceramic body is designed to pull heat away from the resistive wire to prevent thermal runaway. --- ### 4. Part Number Decoder Understanding the "BW1F-R100GTW" nomenclature: * **BW:** Series name (Wirewound Flameproof). * **1F:** 1 Watt Power Rating. * **R100:** Resistance value (0.1 $\Omega$). * **G:** Tolerance code ($\pm 2\%$). * **TW:** Packaging style (Tape/Reel or specific Lead formation). ---
    ✨ Follow-up Questions
    • ⤷ What are the typical operating temperature ranges for the BW1F series?
    • ⤷ Can this resistor be used in high-frequency AC circuits?
    • ⤷ What are the common alternatives if the 0.1 ohm R100 value is out of stock?