AI

The **BW1F-R10FBW** is a specific part number for a **high-precision, flameproof, metal film resistor** typically manufactured by companies like RCD Components.
---
## 1. Technical Specifications
The part number follows a specific coding convention that defines its electronic characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Type** | BW1F | Flameproof Miniature Wirewound/Metal Film Resistor |
| **Power Rating** | 1 Watt | Maximum power dissipation at $70^\circ\text{C}$ |
| **Resistance Value** | $0.10\ \Omega$ (R10) | "R" acts as a decimal point in Ohms |
| **Tolerance** | $\pm 1\%$ (F) | High precision for low-resistance sensing |
| **Packaging** | BW | Bulk Pack / Standard Lead Configuration |
---
## 2. Key Electronic Features
### A. Low Resistance (Shunt Application)
With a value of only **$0.10\ \Omega$**, this resistor is primarily used for **current sensing**. By measuring the voltage drop across this resistor ($V = I \times R$), a circuit can determine the amount of current flowing through a branch.
### B. Flameproof Construction
The "F" in the series prefix (BW1F) indicates a **flameproof coating**. In the event of an overload or component failure, the resistor is designed to open (like a fuse) without emitting flames or igniting surrounding components, which is critical for safety certifications (UL/CE).
### C. Thermal Stability
Metal film/Wirewound resistors of this grade offer a low **Temperature Coefficient of Resistance (TCR)**. This ensures that the resistance remains stable at $0.10\ \Omega$ even as the component heats up during operation.
---
## 3. Common Applications
Due to its 1W power rating and precision, it is found in:
* **Power Supplies:** Sensing output current for regulation.
* **Motor Controllers:** Monitoring stall current or load conditions.
* **Battery Chargers:** Managing charging rates by monitoring current flow.
* **Audio Amplifiers:** Used in output stages for bias stabilization.
---
## 4. Equivalent Substitution Guide
If you are looking for a replacement, ensure the following criteria are met:
```markdown
1. Resistance: Exactly 0.10 Ohms (Do not substitute with higher values).
2. Wattage: 1W or higher (e.g., a 2W resistor is safe, a 0.5W is not).
3. Tolerance: 1% (F) or better (e.g., 0.5%).
4. Type: Must be "Flameproof" if used in a safety-critical power circuit.
```
- ⤷
What is the standard Temperature Coefficient (TCR) for the BW1F series?
- ⤷ Can a 0.10 Ohm wirewound resistor be used as a substitute for a metal film version in high-frequency circuits?
- ⤷ How do I calculate the maximum current this resistor can handle before failing?