Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • BZ-R21-A2

  • AI
    ## Overview of the BZ-R21-A2 The **BZ-R21-A2** is a high-precision, premium-grade **Basic Micro Switch** manufactured by Honeywell (Sensing and Productivity Solutions). It belongs to the globally recognized **BZ Series** of large snap-action switches, designed for high reliability and long mechanical life. --- ### Technical Specifications The following table highlights the critical electronic and mechanical parameters of the BZ-R21-A2: | Feature | Specification | | :--- | :--- | | **Actuator Type** | Pin Plunger | | **Circuitry** | SPDT (Single Pole Double Throw) | | **Current Rating** | 15 A (Standard) | | **Voltage Rating (AC)** | 125 VAC, 250 VAC | | **Operating Force** | 2.5 N to 3.61 N (9 oz to 13 oz) | | **Contact Material** | Silver | | **Termination Style** | Screw Terminals | | **Differential Travel** | 0.01 mm to 0.05 mm | | **Operating Temperature** | -55°C to 85°C (-67°F to 185°F) | --- ### Key Electronic Components & Features #### 1. Snap-Action Mechanism The internal architecture uses a tension spring mechanism. When the plunger reaches the "operating point," the contacts snap over instantly. This minimizes arcing and ensures a clean electrical transition, regardless of the speed at which the physical actuator is pressed. #### 2. Contact Configuration (SPDT) The switch features three terminals: * **COM (Common):** The input line. * **NC (Normally Closed):** The circuit is complete when the switch is at rest. * **NO (Normally Open):** The circuit is completed only when the plunger is depressed. #### 3. Low Differential Travel One of the defining "electronic" characteristics of the **R21** variant is its extremely low differential travel. This means the distance between the point where the contacts snap "on" and where they snap "off" is very small, making it ideal for precision sensing and limit detection. #### 4. Screw Terminals Unlike PCB-mount switches, the BZ-R21-A2 utilizes heavy-duty screw terminals. These are designed to handle higher gauges of wire and provide a vibration-resistant connection suitable for industrial machinery. --- ### Common Applications * **Industrial Limits:** Sensing the position of machine tool components. * **Safety Interlocks:** Ensuring doors or panels are closed before high-voltage systems activate. * **Precision Timing:** Used in mechanical timers where high repeatability is required. * **Control Panels:** Actuating heavy-duty relays or contactors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the BZ-R21-A2 and a standard BZ-2RD switch?
    • ⤷ How do I wire the SPDT terminals for a 'Normally Open' configuration?
    • ⤷ What is the expected mechanical life cycle of this switch under full load?