BZ-RQ1X
AI

The **BZ-RQ1X** is a high-precision, subminiature basic switch (microswitch) manufactured by **Honeywell**. It belongs to the premium BZ series, which is known for its "large basic" form factor and high reliability in industrial applications.
---
### 1. Key Technical Specifications
The BZ-RQ1X is specifically designed for high-sensitivity switching. Below are the primary electronic and mechanical ratings:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | SPDT (Single Pole Double Throw) |
| **Actuator Type** | Overtravel Plunger (Large diameter) |
| **Current Rating** | 15 A |
| **Voltage Rating** | 125 VAC / 250 VAC |
| **Operating Force** | 2.5 N to 3.61 N [9 oz to 13 oz] |
| **Termination Style** | Screw Terminals (6-32 screws) |
| **Contact Material** | Silver |
| **Differential Travel** | 0,01 mm to 0,05 mm [0.0004 in to 0.002 in] |
---
### 2. Electronic Components & Construction
The internal architecture of the BZ-RQ1X consists of several critical electronic and mechanical parts:
* **Snap-Action Mechanism:** Uses a beryllium copper spring. This allows the contacts to "snap" from one position to another regardless of the speed of the external actuator, preventing arcing and ensuring consistent electrical performance.
* **Contacts:** Made of high-grade silver. Silver provides excellent conductivity and is resistant to oxidation at high current levels, making it ideal for the 15A rating.
* **Plunger (Actuator):** The "RQ" designation indicates an overtravel plunger. This is a spring-loaded pin that allows for additional movement after the switch has tripped, protecting the internal mechanism from damage if the mechanical force exceeds the trip point.
* **Housing:** Built from Phenolic (a thermoset plastic). This material provides high dielectric strength and heat resistance, ensuring the switch does not melt or short-circuit under heavy electrical loads.
---
### 3. Wiring Diagram Logic
The BZ-RQ1X features three screw terminals:
1. **COM (Common):** The input terminal for the power source.
2. **NC (Normally Closed):** The circuit is complete when the plunger is at rest.
3. **NO (Normally Open):** The circuit is completed only when the plunger is depressed.
```text
[ Terminal Layout ]
_____________________
| (Plunger) |
| | |
| (NC) (NO) (COM) |
| O O O |
|_____________________|
```
---
### 4. Application Use Cases
Because of its high precision and low differential travel, the BZ-RQ1X is commonly found in:
* **Precision Limit Switching:** Sensing the exact position of a machine tool.
* **Safety Interlocks:** Ensuring a door or panel is closed before power is applied.
* **Timing Devices:** Triggering sequences in industrial automation.
- ⤷
What is the difference between the BZ-RQ1X and the standard BZ-2RD model?
- ⤷ How does the 'overtravel' feature protect the switch electronically?
- ⤷ What is the maximum DC voltage rating for this switch?