Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • C-06-R

  • AI
    The **C-06-R** typically refers to a specific series of **Rotary Potentiometers** or **Encoders**, often manufactured by companies like *Copal Electronics* or *Alps*. In the context of electronic components, "C-06" generally denotes the physical size (6mm) and "R" signifies the mounting orientation (Rear-mount or Right-angle) or a specific resistance taper. --- ### 1. Key Technical Specifications Below are the typical parameters for a C-06-R series rotary component: | Parameter | Specification | | :--- | :--- | | **Size** | 6mm (Ultra-miniature) | | **Type** | Carbon Film or Cermet | | **Resistance Range** | 1kΩ to 1MΩ (Typical) | | **Tolerance** | ±10% or ±20% | | **Power Rating** | 0.05W to 0.1W | | **Rotation Angle** | 200° to 300° (Mechanical) | | **Operating Temp** | -10°C to +70°C | --- ### 2. Physical Construction The "R" suffix often indicates the physical configuration of the pins and the adjustment interface: * **Housing:** Usually plastic or metal-shielded to prevent interference. * **Terminals:** Through-hole (THT) or Surface Mount (SMD) pins. The "R" usually indicates a **Right-Angle** orientation where the adjustment knob is parallel to the PCB. * **Wiper:** A metal contact that moves across a resistive element to change the voltage output. --- ### 3. Pinout Configuration A standard C-06-R potentiometer features three pins: ```text Pin 1: Input (High/VCC) Pin 2: Wiper (Variable Output) Pin 3: Ground (Low/GND) ``` --- ### 4. Common Applications Due to its small 6mm footprint, this part is used in space-constrained electronics: 1. **Audio Equipment:** Volume control for hearing aids or miniature radios. 2. **Instrumentation:** Calibration trimmers on circuit boards. 3. **Consumer Electronics:** Settings adjustment for handheld gaming devices or remote controls. 4. **Industrial:** Sensor sensitivity calibration. --- ### 5. Part Number Breakdown (Example) While specific manufacturers vary, the nomenclature usually follows this logic: * **C:** Component Category (Ceramic/Carbon/Copal). * **06:** 6mm diameter/width. * **R:** Right-angle mounting or Reverse-logarithmic taper (depending on the datasheet).
    ✨ Follow-up Questions
    • ⤷What is the difference between a linear and logarithmic taper in C-06 series?
    • ⤷ How do I test a C-06-R potentiometer with a multimeter?
    • ⤷ Are there waterproof versions of 6mm rotary potentiometers?