C-10-R
AI

The **C-10-R** typically refers to a specific series of **Carbon Composition Resistors** (often associated with manufacturers like Ohmite or Allen-Bradley) or a specific relay/capacitor part number depending on the industry.
However, in the context of general electronic components, it most frequently denotes a **10 Ohm Resistor** with a specific tolerance or power rating.
---
## 1. Component Identification: 10 Ohm Resistor
In the "C-10-R" nomenclature, the "R" usually acts as a decimal point or a multiplier indicator in European/Industrial standards.
### Specifications Table
| Feature | Description |
| :--- | :--- |
| **Resistance Value** | 10 Ohms ($\Omega$) |
| **Material Type** | Carbon Composition or Ceramic Composition |
| **Common Power Ratings** | 0.25W, 0.5W, 1W, or 2W |
| **Tolerance** | Usually $\pm5\%$ (Gold band) or $\pm10\%$ (Silver band) |
| **Temperature Range** | -55°C to +125°C |
---
## 2. Technical Characteristics
If this part is a **Carbon Composition Resistor** (the most common "C" series part), it has unique properties compared to modern Metal Film resistors:
* **High Energy Pulse Handling:** Unlike film resistors, carbon composition parts are solid slugs of material. They handle high-energy surges and pulses very well without "blowing" like a fuse.
* **Low Inductance:** Excellent for high-frequency applications where wire-wound resistors would cause interference.
* **Noise Profile:** They tend to have higher "thermal noise" compared to metal film, which is why they are rarely used in modern high-fidelity audio pre-amps but are common in power supplies.
---
## 3. Applications
The C-10-R (10 Ohm) part is typically used in the following circuit configurations:
1. **Current Limiting:** Protecting LEDs or low-power transistors from overcurrent.
2. **Snubber Circuits:** Used in RC networks to suppress voltage spikes across switching contacts or inductive loads.
3. **Base/Gate Resistor:** Used in power electronics to dampen oscillations in the gate of a MOSFET or the base of a BJT.
4. **Audio Crossovers:** Often found in the filtering stage of speaker systems.
---
## 4. Color Code Representation
For a standard 4-band 10 Ohm resistor:
| Band 1 (1st Digit) | Band 2 (2nd Digit) | Band 3 (Multiplier) | Band 4 (Tolerance) |
| :--- | :--- | :--- | :--- |
| **Brown** (1) | **Black** (0) | **Black** ($10^0$) | **Gold** ($\pm5\%$) |
---
- ⤷
Is the C-10-R you are referring to a specific brand like Ohmite or a general SMD part?
- ⤷ Do you need help calculating the power dissipation for this 10 Ohm resistor in a circuit?
- ⤷ Are you looking for a modern equivalent or replacement for an vintage C-10-R component?