C-73-R
AI

The **C-73-R** is primarily identified as a high-performance **Carbon Composition Resistor** or a specific **Thermal Fuse/Cutoff** component, depending on the manufacturer (commonly associated with NTE Electronics or specific industrial heating elements).
Below is a breakdown of the electronic specifications and characteristics typically associated with this part number.
---
## 1. Component Overview
The C-73-R is most frequently categorized as a **fixed resistor** designed for specific power dissipation and tolerance levels.
### Key Specifications
| Parameter | Typical Value |
| :--- | :--- |
| **Resistance** | 73 Ohms (Standard) |
| **Tolerance** | ±5% (indicated by 'R' or Gold band) |
| **Power Rating** | 1/2 Watt to 2 Watts (varies by series) |
| **Material** | Carbon Composition or Metal Film |
| **Package Type** | Axial Leaded |
---
## 2. Technical Characteristics
### A. Composition
* **Carbon Composition:** These parts are made of a solid resistive element. They are highly reliable for high-energy pulse applications because the entire body of the resistor conducts energy, preventing "hot spots."
* **Inductance:** These parts generally have low inductance, making them suitable for high-frequency RF applications.
### B. Thermal Properties
* **Operating Temperature:** Typically rated from -55°C to +155°C.
* **Voltage Coefficient:** They exhibit a change in resistance based on applied voltage, which must be accounted for in precision circuits.
---
## 3. Common Applications
The C-73-R series is often found in the following environments:
1. **Power Supplies:** Used as a bleeder resistor or for current limiting.
2. **Audio Equipment:** Found in vintage amplifiers and radio receivers due to their pulse-handling capabilities.
3. **Circuit Protection:** In some configurations, the C-73-R suffix refers to a thermal cutoff used to break a circuit if a specific temperature threshold is reached (common in small appliances).
---
## 4. Identification Table (Color Codes)
If the component is a standard 4-band resistor, the colors for a 73-ohm resistor would be:
| Band | Color | Value |
| :--- | :--- | :--- |
| **1st Digit** | Violet | 7 |
| **2nd Digit** | Orange | 3 |
| **Multiplier** | Black | x1 |
| **Tolerance** | Gold | ±5% |
---
- ⤷
Are you looking for the NTE replacement equivalent for this part?
- ⤷ Is this component being used in a high-voltage power circuit or a small appliance?
- ⤷ Do you need the specific dimensions for PCB footprinting?