AI

The **C-R33-M** is a common part numbering designation, typically associated with **Molded Power Inductors** or specific SMD (Surface Mount Device) components used in power management circuits. In the context of passive electronics, "R33" represents the component's value.
### 1. Component Specification (Inductor Context)
If this part is an inductor (the most common application for this code), the "R33" denotes the inductance value using the standard R-decimal notation.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.33 µH | "R" acts as a decimal point. |
| **Type** | Shielded / Molded | Designed to minimize EMI (Electromagnetic Interference). |
| **Material** | Carbonyl Iron / Metal Alloy | Used for high-frequency stability and high saturation current. |
| **Tolerance** | ±20% (Typical) | Standard variance for power inductors (indicated by 'M'). |
| **Mounting** | SMD/SMT | Surface mount for automated PCB assembly. |
---
### 2. Breakdown of the Part Number
The alphanumeric string follows a standard industry naming convention:
* **C**: Often refers to the Series or Manufacturer code (e.g., Chilisin, Cyntec, or Coilmaster).
* **R33**: The Inductance value. $R33 = 0.33 \text{ microhenries } (\mu H)$.
* **M**: The tolerance code. In the electronics industry, **M** stands for **±20%**.
---
### 3. Key Electronic Characteristics
When integrating a C-R33-M inductor into a circuit, three electrical properties are critical:
1. **DCR (DC Resistance):** Usually very low (measured in mΩ) to minimize power loss and heat generation.
2. **Isat (Saturation Current):** The current level at which the inductance drops (typically by 30%). For a 0.33µH inductor, this is usually quite high (e.g., 10A to 30A depending on physical size).
3. **Irms (Heating Current):** The continuous DC current that causes a specific temperature rise (usually 40°C).
### 4. Common Applications
These components are primarily found in high-efficiency power supplies:
* **DC-DC Converters:** Used in "Buck" converters to step down voltage.
* **GPU/CPU Power Rails:** High-current, low-voltage power delivery.
* **Laptops and Tablets:** Due to their low profile and high efficiency.
* **Automotive Electronics:** Used in infotainment and ADAS modules if AEC-Q200 qualified.
- ⤷What is the physical size/package of the C-R33-M inductor?
- ⤷ How does the saturation current of an R33 inductor compare to a 1R0 inductor?
- ⤷ Can you explain the difference between Isat and Irms in power inductors?