C0052K8R2ABSTR500
AI

## Analysis of Component: C0052K8R2ABSTR500
The part number **C0052K8R2ABSTR500** corresponds to a high-precision, thin-film surface mount capacitor, typically manufactured by **AVX (Kyocera-AVX)**. This specific component belongs to the **Accu-P®** series, which is designed for high-frequency (RF and Microwave) applications.
---
### 1. Part Number Breakdown
The alphanumeric string follows a specific coding structure that defines its electrical and physical properties:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | C | Accu-P® Series (High Frequency) |
| **Size** | 005 | 01005 (Inch) / 0402 (Metric) Case Size |
| **Voltage** | 2 | 200 Volts (DC) |
| **Temp. Coeff.** | K | 0 ± 30 ppm/°C (Stable Performance) |
| **Capacitance** | 8R2 | 8.2 pF (Picofarads) |
| **Tolerance** | A | ± 0.05 pF (Ultra-Tight Tolerance) |
| **Termination** | B | Nickel / Solder (Sn/Pb) or Tin-Lead |
| **Packaging** | STR\500 | Tape and Reel (500 pieces per reel) |
---
### 2. Technical Specifications
These parts are engineered for performance where signal integrity is critical.
* **Case Size:** 01005 (Extremely small: approx. 0.4mm x 0.2mm).
* **Capacitance Value:** 8.2 pF.
* **Working Voltage (WVDC):** 200 Volts.
* **Operating Temperature:** -55°C to +125°C.
* **Q-Factor:** High Q (Low loss) at microwave frequencies.
* **SRF (Self-Resonant Frequency):** Typically in the multi-GHz range.
---
### 3. Key Electronic Characteristics
#### A. Thin-Film Technology
Unlike standard MLCCs (Multi-Layer Ceramic Capacitors) which are made via screen printing, the Accu-P series uses **photolithography**. This allows for:
* Extremely tight tolerances (±0.05pF).
* High repeatability (part-to-part consistency).
* Lower ESR (Equivalent Series Resistance).
#### B. RF Performance
At high frequencies (GHz range), standard capacitors behave like inductors. The C005 series is designed to minimize parasitic inductance, making it ideal for:
* Impedance matching circuits.
* High-frequency filtering.
* VCO (Voltage Controlled Oscillator) tuning.
---
### 4. Common Applications
Due to its precision and size, this part is commonly found in:
* **Mobile Communications:** 5G infrastructure and smartphones.
* **Satellite TV:** LNB (Low Noise Block) downconverters.
* **GPS/Navigation:** High-precision signal processing.
* **Medical Electronics:** High-frequency imaging equipment.
- ⤷
What are the soldering requirements for the 01005 case size?
- ⤷ How does thin-film technology differ from standard MLCC construction?
- ⤷ What is the specific Self-Resonant Frequency (SRF) for an 8.2 pF Accu-P capacitor?