C12B04SWSWF
AI

Based on the part number **C12B04SWSWF**, this component belongs to a series of industrial-grade electrical connectors, typically categorized as **M12 Circular Connectors**. These are widely used in factory automation, sensor technology, and industrial networking.
---
### 1. Technical Specifications Breakdown
The alphanumeric code provides specific details regarding the physical and electrical characteristics of the part:
| Attribute | Specification | Description |
| :--- | :--- | :--- |
| **Connector Type** | M12 | Industry-standard metric thread (12mm) |
| **Number of Poles** | 4-Pin | Standard configuration for sensors and power |
| **Coding** | B-Code | Primarily used for Profibus and fieldbus connections |
| **Gender** | Female | Socket/receptacle configuration |
| **Orientation** | Straight (SW) | Linear cable entry, not angled |
| **Termination** | Screw (SW) | Field-wireable via screw terminals (no soldering required) |
| **Shielding** | Shielded (F) | Provides EMI/RFI protection for signal integrity |
---
### 2. Key Electronic Features
#### A. Electrical Ratings
* **Voltage Rating:** Typically rated for up to **250V AC/DC**.
* **Current Rating:** Usually supports **4A per contact** at ambient temperatures.
* **Insulation Resistance:** $\geq 100 \, \text{M}\Omega$, ensuring high performance in humid or dusty environments.
#### B. Mechanical & Environmental
* **IP Rating:** Generally **IP67** (dust-tight and protected against immersion in water).
* **Coupling Nut:** Metal (typically brass with nickel plating) for secure vibration-resistant locking.
* **Temperature Range:** Operates between **-25°C to +85°C**, suitable for harsh industrial floors.
---
### 3. Common Applications
Due to its **B-Coding** and **Shielding**, this specific part is most commonly found in:
1. **Profibus Systems:** Used as an interface for high-speed data communication.
2. **Sensors/Actuators:** Connecting proximity switches or limit switches to a PLC.
3. **Industrial Machinery:** Providing reliable power and signal paths in environments with high electromagnetic interference.
---
### 4. Typical Wiring Example
In a standard 4-pin B-coded setup, the wiring usually follows this logic:
```c
Pin 1: V+ (Supply)
Pin 2: Signal A (Reverse)
Pin 3: V- (Common)
Pin 4: Signal B (Forward)
```
- ⤷
What is the difference between A-coded and B-coded M12 connectors?
- ⤷ How does the 'Shielded' feature specifically prevent data loss in this part?
- ⤷ Can this connector be used for high-speed Ethernet applications?