C165G-P16-R
AI

The **C165G-P16-R** is a specific electronic component typically categorized as a **Circular Connector** or a specialized **Cable Assembly/Connector system**. Based on the part numbering convention (often associated with brands like Amphenol or specific industrial connector manufacturers), it is designed for high-reliability signal or power transmission in industrial environments.
---
### 1. Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Connector Type** | Circular Industrial Connector |
| **Number of Positions** | 16 Pins (as indicated by "P16") |
| **Contact Gender** | Male (Plug) or Female (Receptacle) depending on series suffix |
| **Mounting Type** | Panel Mount or Cable Mount |
| **Termination Style** | Solder or Crimp contacts |
| **Housing Material** | High-grade Polymer or Metal Alloy |
| **Ingress Protection** | Typically IP65 or IP67 (Dust and Water resistant) |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's build:
* **C16**: Refers to the series (Commonly the Amphenol Eco-Mate or similar C16 series).
* **5G**: Indicates the shell size and specific housing configuration (e.g., locking mechanism).
* **P16**: Specifies the contact arrangement (16 active pins).
* **R**: Generally stands for **RoHS Compliant** or refers to a **Right-Angle** / **Rear-Mount** orientation.
---
### 3. Physical Components
The assembly usually consists of the following electronic and mechanical parts:
1. **Inserts:** The internal block that holds the 16 pins in place, made of insulating material to prevent short circuits.
2. **Contacts:** Copper alloy pins (often gold or silver plated) that conduct the electrical signal.
3. **Coupling Ring:** A threaded or bayonet-style nut used to lock the connector to its mate, ensuring it doesn't vibrate loose.
4. **Strain Relief:** A backshell or grommet that protects the wires from being pulled out of the internal terminals.
5. **Sealing Gasket:** A rubber O-ring that provides the environmental seal (IP rating).
---
### 4. Common Applications
Due to its ruggedized nature and high pin density, this part is found in:
* **Industrial Automation:** Control signals for robotic arms.
* **Machine Tools:** Connecting sensors and actuators to a PLC (Programmable Logic Controller).
* **Medical Equipment:** High-density signal cables for diagnostic imaging.
* **Energy Sector:** Power monitoring and control interfaces.
---
- ⤷What are the specific voltage and current ratings for the C165G-P16-R?
- ⤷ Is this connector compatible with standard Amphenol Eco-Mate series accessories?
- ⤷ What is the recommended wire gauge (AWG) for the 16-pin contacts?