C20-R056K-R
AI

The part number **C20-R056K-R** refers to a specific type of electronic component, typically a **Thick Film Chip Resistor**. Based on standard industry nomenclature (commonly used by manufacturers like Cyntec or similar specialty resistor brands), here is the detailed breakdown.
### 1. Part Number Deciphering
| Component Segment | Value | Description |
| :--- | :--- | :--- |
| **C20** | Case Size | Refers to the **2010** metric/imperial size (approx. 5.0mm x 2.5mm). |
| **R056** | Resistance Value | **0.056 Ohms** (56 mΩ). This is a "Current Sense" or low-ohmic resistor. |
| **K** | Tolerance | **±10%** (though in some series, K can represent ±10%, J is ±5%). |
| **R** | Packaging | **Tape & Reel** (Standard for automated SMD assembly). |
---
### 2. Key Specifications
These parts are designed for surface-mount technology (SMT) and are widely used in power management circuits.
* **Type:** Current Sensing Resistor (Shunt).
* **Power Rating:** Typically **0.5W to 1W** (depending on the specific series rating for a 2010 package).
* **Operating Temperature:** Generally **-55°C to +155°C**.
* **Construction:** Thick film on a ceramic substrate with a protective overcoat.
---
### 3. Common Applications
Because the resistance is extremely low (56 milliohms), this part is not used for standard voltage dropping, but rather for measuring current flow:
1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in laptops or power tools.
2. **DC-DC Converters:** Providing feedback to a controller to prevent over-current conditions.
3. **Motor Control:** Detecting the torque/load on a motor by measuring the current draw.
4. **LED Drivers:** Ensuring constant current delivery to high-power LEDs.
---
### 4. Component Layout (Footprint)
| Dimension | Measurement (Approx.) |
| :--- | :--- |
| **Length (L)** | 5.00 mm |
| **Width (W)** | 2.50 mm |
| **Height (H)** | 0.60 mm |
---
### 5. Selection Considerations
* **Power Dissipation:** Since $P = I^2 \times R$, ensure the current passing through the resistor does not exceed its wattage rating ($0.056 \times I^2 < Wattage$).
* **Inductance:** Being a thick film chip, it has low inductance, making it suitable for high-frequency switching power supplies.
---
- ⤷
What is the maximum current this 0.056 ohm resistor can handle at 1W?
- ⤷ What are the advantages of using a 2010 package over a smaller 0805 package for current sensing?
- ⤷ Are there high-precision versions of this resistor with 1% tolerance?