AI

The designation **C3-R15-10** typically refers to a **Composite Resistor Network** or a specific high-voltage/high-precision resistor series, often manufactured by companies like *Ohmite* or *Vishay*.
In most electronic schematic contexts, this nomenclature breaks down into the material properties, physical size, and resistance values.
---
### 1. Breakdown of the Component Code
| Segment | Component Type | Typical Meaning |
| :--- | :--- | :--- |
| **C3** | Series/Material | Often denotes a **Ceramic** or **Carbon** composite series. In industrial resistors, "C" can also refer to a specific coating or case style. |
| **R15** | Resistance Value | "R" acts as the decimal point. **R15 = 0.15 Ohms**. If it were 15R, it would be 15 Ohms. |
| **10** | Tolerance / Rating | Usually indicates a **10% Tolerance** (K) or a specific **10-Watt** power rating depending on the manufacturer's datasheet. |
---
### 2. Technical Specifications
If this part refers to a standard **Power Resistor** or **Current Sense Resistor**, the following specifications usually apply:
* **Resistance:** 0.15 $\Omega$ (very low resistance, typical for current sensing).
* **Tolerance:** ±10% (standard for high-power applications).
* **Composition:** Often **Ceramic Composition**, which allows the part to withstand high-energy pulses and high voltages without failing.
* **Mounting:** Usually Axial (through-hole) or Surface Mount (SMD) depending on the package suffix.
---
### 3. Common Applications
Due to the low resistance and high durability of this type of part, it is commonly used in:
1. **Surge Protection:** Absorbing sudden spikes in voltage or current.
2. **Current Sensing:** Measuring the voltage drop across the 0.15 $\Omega$ resistance to determine the current flowing through a circuit.
3. **Inrush Current Limiting:** Protecting power supplies when they are first turned on.
4. **Snubber Circuits:** Used in motor controllers to dissipate energy from inductive loads.
---
### 4. Alternative Identifications
In some specific PCB designs, **C3-R15-10** might be a **reference designator cluster**, though this is less common. In that scenario:
* **C3:** Capacitor 3
* **R15:** Resistor 15
* **10:** Could be the 10th revision of that specific circuit block.
---
- ⤷What is the power rating (wattage) for the C3-R15-10 series?
- ⤷ How do I test a 0.15 Ohm resistor using a standard multimeter?
- ⤷ What are the equivalents for a C3-R15-10 resistor in a surface mount package?