C4SMM-RJF-CS14QBB1
AI

The **C4SMM-RJF-CS14QBB1** is a high-performance, high-brightness **Red LED** manufactured by **Cree LED (Wolfspeed)**. It belongs to the **ScreenMaster®** series, specifically designed for outdoor video screens and signage.
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Color** | Red |
| **Wavelength (Typical)** | 621 nm |
| **Luminous Intensity** | 770 - 2130 mcd (millicandela) |
| **Viewing Angle** | 100° Horizontal / 45° Vertical |
| **Package Type** | 4mm Oval (Radial / Through-hole) |
| **Forward Current ($I_F$)** | 50 mA (Maximum) |
| **Forward Voltage ($V_F$)** | 2.1 V (Typical) |
| **Lens Appearance** | Tinted, Diffused |
---
### Key Electronic Features
#### 1. Oval Beam Pattern
Unlike standard round LEDs, this part features an oval viewing angle. This is electronically and optically engineered to provide a wide horizontal field of view (100°) while keeping the vertical spread narrow (45°), which maximizes brightness for viewers at street level.
#### 2. Durability and Material
* **Technology:** AlGaInP (Aluminium Gallium Indium Phosphide), which provides high efficiency for red light emission.
* **UV Resistance:** The epoxy contains UV inhibitors to prevent the lens from yellowing or degrading under direct sunlight.
* **Standoffs:** The package typically includes "leads with standoffs" to ensure consistent height and heat dissipation during PCB assembly.
#### 3. Binning System
Cree uses a specific binning code for this part to ensure color and brightness uniformity across large displays:
* **Brightness Bins:** Categorized between 770mcd and 2130mcd.
* **Color Bins:** Tight wavelength control to ensure "True Red" consistency across thousands of units.
---
### Typical Applications
* **Full-Color Outdoor Displays:** Used as the red component in RGB pixel clusters.
* **Variable Message Signs (VMS):** Traffic and highway information boards.
* **Commercial Advertising:** Large-scale outdoor digital billboards.
* **Passenger Information:** Bus and train station signage.
- ⤷What are the recommended driving current and voltage limits for this LED?
- ⤷ How does the 100/45 degree viewing angle affect pixel pitch design?
- ⤷ What is the specific wavelength range for the 'S4' binning in this series?