C515-500-R
AI

The **C515-500-R** is a high-performance, time-delay (slow-blow) glass tube fuse manufactured by **Eaton (formerly Bussmann)**. It is part of the C515 series, designed specifically for applications requiring a smaller physical footprint than standard 3AG fuses while maintaining robust electrical protection.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Current Rating** | 500 mA (0.5 Amps) |
| **Voltage Rating (AC)** | 250 VAC |
| **Fuse Type** | Time-Delay / Slow-Blow (T) |
| **Form Factor** | 5mm x 15mm (Small Cylindrical) |
| **Material** | Glass Tube with Nickel-plated Brass Endcaps |
| **Interrupt Rating** | 35A @ 250VAC / 10,000A @ 125VAC |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
## 2. Key Characteristics
### A. Time-Delay Functionality
Unlike "Fast-Acting" fuses, the C515-500-R is designed to withstand temporary **inrush currents** or power surges. This prevents "nuisance blowing"—where the fuse pops during normal startup cycles of motors or power supplies—while still protecting against sustained overloads or short circuits.
### B. Physical Dimensions
The **5mm x 15mm** size is a specific intermediate standard. It is shorter than the standard 5x20mm fuse commonly found in European electronics and significantly smaller than the 6.3x32mm (1/4" x 1-1/4") fuses used in North American appliances.
### C. Termination
This specific part number typically refers to the **ferrule (cartridge)** version, which is intended to be placed into a fuse clip or fuse holder. However, the C515 series also offers axial lead versions (C515S) for direct soldering onto PCBs.
---
## 3. Common Applications
Due to its 500mA rating and slow-blow nature, this component is frequently used in:
* **Power Supplies:** Protecting the primary side of small AC/DC adapters.
* **Consumer Electronics:** Televisions, chargers, and audio equipment.
* **Industrial Controls:** Protecting sensitive low-current control circuits.
* **LED Lighting:** Drivers that experience a high initial current spike when turned on.
---
## 4. Part Number Breakdown
* **C515**: The Series name (5x15mm glass tube).
* **500**: The current rating (500 milliamperes).
* **-R**: RoHS compliant (lead-free and environmentally safe).
- ⤷
What is the difference between the C515 and the C518 fuse series?
- ⤷ Can I replace a 500mA slow-blow fuse with a fast-acting one in a power supply?
- ⤷ What are the recommended fuse holders for a 5mm x 15mm fuse?