C518-100-R
AI

The **C518-100-R** is a specific type of electronic component used primarily for circuit protection. It belongs to the **C518 series** manufactured by **Eaton (Bussmann Division)**.
### 1. General Overview
The C518-100-R is a **Fast-Acting Glass Tube Fuse**. It is designed to protect sensitive electronic components by interrupting the circuit immediately when a current overload or short circuit occurs.
### 2. Technical Specifications
Below are the primary technical parameters for this component:
| Parameter | Value |
| :--- | :--- |
| **Current Rating** | 100mA (0.1 Amp) |
| **Voltage Rating (AC)** | 250V |
| **Fuse Type** | Fast-Acting (Fast Blow) |
| **Body Material** | Glass Tube |
| **Form Factor / Size** | 5mm x 15mm (2AG Equivalent) |
| **Termination Style** | Axial Leaded (Through-hole) |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 3. Key Features
* **Axial Leads:** Unlike standard cartridge fuses that fit into clips, this fuse has wire leads soldered to the end caps. This allows it to be soldered directly onto a Printed Circuit Board (PCB).
* **Fast-Acting:** It is designed to open (blow) quickly. It does not tolerate sustained surges, making it ideal for protecting ICs and other delicate semiconductors.
* **Compact Size:** At 5x15mm, it is smaller than the standard 5x20mm fuse, saving board space.
* **Transparency:** The glass body allows for visual inspection to see if the fuse element has melted.
### 4. Common Applications
Due to its low current rating (100mA) and fast response time, it is typically found in:
1. **Power Supplies:** Protecting the primary side of small power adapters.
2. **Instrumentation:** Guarding sensitive measurement equipment.
3. **Consumer Electronics:** Used in chargers, set-top boxes, and small appliances.
4. **Telecommunications:** Protecting line cards and networking hardware.
---
### 5. Part Number Breakdown
Understanding the nomenclature helps in identifying similar parts:
| Segment | Meaning |
| :--- | :--- |
| **C518** | Series Name (5x15mm Axial Glass Fuse) |
| **100** | Current Rating (100mA) |
| **-R** | RoHS Compliant (Lead-free) |
- ⤷
What is the difference between a fast-acting fuse and a time-delay fuse in this series?
- ⤷ Can I replace a C518-100-R with a standard 5x20mm fuse if I have space?
- ⤷ How do I test if this fuse is blown using a multimeter?