C519-250-R
AI

The **C519-250-R** is a specific type of electronic component, primarily known as a **Subminiature Glass Tube Fuse**. It is manufactured by Eaton (formerly Bussmann) and is widely used in power supplies and industrial equipment to protect circuits from overcurrent conditions.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Product Series** | C519 (5mm x 15mm) |
| **Current Rating** | 250mA (0.25 Amps) |
| **Voltage Rating** | 250V AC |
| **Fuse Speed** | Slow-Blow / Time-Delay (T) |
| **Body Material** | Glass Tube |
| **Interrupting Rating** | 35A at 250V AC / 10,000A at 125V AC |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Physical Construction
The C519 series is distinct due to its physical size and "Axial Lead" availability (though the base part is often used in clips).
* **Dimensions:** 5mm diameter by 15mm length. This is smaller than the standard 5x20mm fuses, making it ideal for compact electronic assemblies.
* **Termination:** Typically ferrule-ended (nickel-plated brass caps), designed to fit into fuse clips or holders on a PCB.
* **Visible Element:** Because it is made of glass, the internal fuse wire is visible, allowing for quick visual inspection to see if the fuse has blown.
---
### 3. Key Characteristics: Time-Delay (Slow-Blow)
The "Slow-Blow" nature of this fuse is critical for specific electronic applications:
* **Inrush Tolerance:** It is designed to withstand temporary surges in current (like when a motor starts or a capacitor charges) without blowing.
* **Thermal Trip:** It uses a spring-loaded or thicker filament designed to heat up over a longer period compared to "Fast-Acting" fuses.
---
### 4. Common Applications
Due to its 250mA rating and slow-blow characteristics, you will typically find the C519-250-R in:
1. **Consumer Electronics:** Power adapters for low-power devices.
2. **LED Lighting:** Drivers that experience a high initial inrush current.
3. **Industrial Controls:** Protecting control circuits and PLCs.
4. **Chargers:** Small battery charging circuits.
- ⤷
What is the difference between the C519 and the standard 5x20mm fuse series?
- ⤷ Can a Fast-Acting fuse be used as a substitute for the C519-250-R?
- ⤷ How do I interpret the -R suffix in Bussmann part numbers?