Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • C519-350-R

  • AI
    ## Technical Overview: C519-350-R The **C519-350-R** is a specific model of a subminiature, fast-acting glass tube fuse manufactured by **Eaton (formerly Bussmann)**. It belongs to the C519 series, which is widely used in consumer electronics and industrial applications for overcurrent protection. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Current Rating** | 350 mA (0.35A) | | **Voltage Rating (AC)** | 250 V | | **Voltage Rating (DC)** | 125 V | | **Fuse Type** | Glass Tube, Cartridge | | **Response Characteristic** | Fast-Acting (F) | | **Size / Dimensions** | 5mm x 15mm (Subminiature) | | **Breaking Capacity** | 25A at 250VAC / 10,000A at 125VAC | | **RoHS Status** | RoHS Compliant (indicated by the "-R" suffix) | --- ### 2. Functional Components 1. **Glass Tube Body:** Provides a transparent casing that allows for visual inspection. If the fuse has "blown," the wire inside will often be visibly broken or the glass will be charred. 2. **Conductive Element:** A thin wire or metallic strip designed to melt when the current exceeds 350mA for a specific duration. 3. **End Caps:** Nickel-plated brass end caps that provide the electrical contact points for the fuse holder or clips. 4. **Extinguishing Agent:** Unlike ceramic fuses, these are typically air-filled, relying on the physical gap created by the melting wire to stop the current flow. --- ### 3. Usage and Applications The C519-350-R is designed for low-power circuits where space is limited and rapid disconnection is required during a fault. * **Power Supplies:** Protecting the primary side of small AC/DC adapters. * **Consumer Electronics:** Used in televisions, chargers, and audio equipment. * **Industrial Controls:** Protection for low-current sensors and PLC inputs. --- ### 4. Comparison: Fast-Acting vs. Time-Delay It is critical to note that the **C519** series is **Fast-Acting**. If your circuit has a high "in-rush" current (like a motor or a large capacitor), a fast-acting fuse may blow prematurely. In those cases, a Time-Delay (Slo-Blo) fuse like the *C520* series would be used instead. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the C519-350-R and the C520 series?
    • ⤷ Can this fuse be used in DC applications higher than 125V?
    • ⤷ What type of fuse holder is compatible with a 5x15mm glass fuse?