C9900-R272
AI

The **C9900-R272** is a specific industrial component produced by **Beckhoff Automation**. It is an internal plug-in card designed for use in Beckhoff Industrial PCs (IPCs) and Control Panels.
---
## 1. Component Overview
The C9900-R272 is primarily a **PCIe-to-PCI bridge card** or a specialized **mPCIe riser**. Its main function is to facilitate communication between the PC's motherboard and peripheral interface modules.
### Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Manufacturer** | Beckhoff Automation |
| **Part Type** | Plug-in Interface Card / Riser |
| **Interface Slot** | Mini PCI or PCIe (Model dependent) |
| **Compatibility** | C69xx, CP22xx, and CP62xx Series IPCs |
| **Function** | Expansion of internal communication buses |
---
## 2. Key Electronic Features
The board consists of several critical electronic sections that allow it to function within an industrial environment:
### A. Bus Translation Logic
The core of the board contains an integrated circuit (IC) that acts as a bridge. It converts the high-speed differential signals of the **PCI Express (PCIe)** bus into the parallel architecture of **PCI** or specialized fieldbus signals.
### B. Power Regulation
Industrial PCs operate in electrically noisy environments. The C9900-R272 includes:
* **Voltage Step-down:** Converts 12V/5V system power to the lower voltages required by the bridge controller (e.g., 3.3V or 1.2V).
* **Filtering Capacitors:** High-quality SMD electrolytic or ceramic capacitors to ensure signal integrity against EMI (Electromagnetic Interference).
### C. Connection Headers
The board typically features:
* **Edge Connector:** Connects directly to the motherboard.
* **Fieldbus Header:** Allows for the attachment of additional modules such as EtherCAT, PROFIBUS, or CANopen interfaces.
---
## 3. Industrial Use Cases
The C9900-R272 is essential for users who need to customize their Beckhoff controllers for specific automation tasks:
1. **Fieldbus Integration:** Enabling the IPC to talk to sensors and actuators via legacy or specialized protocols.
2. **Modular Expansion:** Allowing a compact IPC (like the C6920) to have the same capabilities as a full-sized tower PC.
3. **NVRAM Storage:** In some configurations, these cards support non-volatile RAM modules to save machine states during power loss.
---
## 4. Maintenance and Identification
When inspecting this part for repairs or upgrades, look for the following:
* **Revision Number:** Printed on the PCB (e.g., Rev. A, B, or C).
* **Status LEDs:** Some versions include small SMD LEDs to indicate "Power Good" or "Data Activity."
- ⤷
Is the C9900-R272 compatible with standard consumer PC motherboards?
- ⤷ What are the common failure symptoms for this specific Beckhoff card?
- ⤷ Does this card require specific drivers within TwinCAT software?