CA-RSPNME020
AI

The **CA-RSPNME020** is a specific industrial interface cable, primarily used in automation environments to connect human-machine interfaces (HMIs) to motion controllers or PLCs. Specifically, it is designed for **Mitsubishi Electric** and **Pro-face (Schneider Electric)** equipment.
---
## 1. Technical Specifications
The following table outlines the fundamental electronic and physical characteristics of the cable:
| Feature | Specification |
| :--- | :--- |
| **Connector A** | 20-pin Miniature Connector (Plug) |
| **Connector B** | D-Sub 9-pin (Female) |
| **Protocol Support** | RS-422 / RS-485 |
| **Cable Length** | 2.0 Meters (Standard) |
| **Shielding** | Braid and Foil Double Shielding |
| **Compatibility** | Mitsubishi MELSEC-Q Series, Pro-face GP3000/GP4000 |
---
## 2. Electronic Components & Internal Structure
The "Electronic Parts" of this cable refer to the wiring pinout and the signal management components housed within the connector shells.
### A. Pin Configuration (Signal Mapping)
Because this cable bridges a 20-pin port to a 9-pin port, it acts as a signal converter. The internal wiring typically follows this logic:
* **Data Transmission:** Differential pairs for `TXD+`, `TXD-`, `RXD+`, and `RXD-`.
* **Power/Ground:** Dedicated pins for `Signal Ground (SG)` to prevent potential differences between the HMI and the Controller.
* **Termination:** In some variations, a termination resistor (typically 120 ohms) may be bridged between data lines to prevent signal reflection over long distances.
### B. Shielding and Interference Protection
Industrial environments are prone to Electromagnetic Interference (EMI). The CA-RSPNME020 includes:
* **Drain Wire:** To ground excess electrical noise.
* **Twisted Pair Wiring:** The data lines are twisted to cancel out electromagnetic fields and crosstalk.
---
## 3. Usage Context
This cable is typically used to connect a **Pro-face HMI** (GP3000/GP4000 series) to the **RS-422/485 port** of a **Mitsubishi Q-Series PLC** (specifically the QJ71C24N serial communication module).
### Key Advantages:
1. **Plug-and-Play:** Pre-soldered to match the specific proprietary pinouts of Mitsubishi and Pro-face.
2. **Durability:** The electronic housings are often molded or reinforced with strain relief to handle cabinet vibration.
---
- ⤷
What is the exact pinout diagram for the CA-RSPNME020 cable?
- ⤷ Can this cable be used for RS-232 communication instead of RS-422?
- ⤷ What are the compatible Pro-face HMI models for this specific cable?