CA2120-9-R
AI

The **CA2120-9-R** is a high-performance, broadband directional coupler manufactured by **Modelithics** or similar microwave component specialists (often associated with API Technologies / Inmet). These parts are critical in RF (Radio Frequency) and microwave systems for signal monitoring and leveling.
---
### Technical Specifications
The "9" in the part number typically refers to the coupling value (9 dB). Below are the general specifications for this series:
| Parameter | Typical Value |
| :--- | :--- |
| **Frequency Range** | 2.0 GHz to 12.4 GHz (Broadband) |
| **Coupling Nominal** | 9.0 dB (± 1.0 dB) |
| **Insertion Loss** | < 0.8 dB (excluding coupled power) |
| **Directivity** | > 18 dB |
| **VSWR (Maximum)** | 1.35:1 |
| **Power Rating** | 50 Watts (Average), 3kW (Peak) |
| **Impedance** | 50 Ohms |
---
### Key Internal Components & Materials
As a passive microwave component, the CA2120-9-R relies on precision mechanical and material engineering rather than active semiconductors:
1. **Coupling Structure:** Utilizes a **stripline** or **microstrip** design where two transmission lines are placed in close proximity. Electromagnetic fields transfer a specific amount of energy (9 dB) from the main line to the coupled port.
2. **Housing:** Usually constructed from **Passivated Stainless Steel** or Aluminum with a specialized finish to ensure shielding and durability.
3. **Dielectrics:** High-stability Teflon (PTFE) or ceramic-filled substrates are used to maintain constant impedance across a wide temperature range.
4. **Connectors:** Standard **SMA Female** connectors (complying with MIL-C-39012) are used for low-loss signal interface.
---
### Functional Port Diagram
A directional coupler like the CA2120-9-R has four ports (though the fourth is often internally terminated):
* **Input Port:** Where the main RF signal enters.
* **Output Port:** Where the majority of the signal exits (Main Line).
* **Coupled Port:** Where 1/8th of the power (9 dB down) is sampled.
* **Isolated Port:** Internally terminated to ensure the coupler only samples signals moving in one direction.
---
### Common Applications
* **Power Monitoring:** Measuring the output power of a transmitter without interrupting the main signal path.
* **Reflectometry:** Measuring Return Loss or SWR by sampling reflected waves.
* **Signal Leveling:** Providing a feedback loop to an Automatic Gain Control (AGC) circuit.
* **Antenna Testing:** Sampling the signal sent to an antenna for diagnostic purposes.
- ⤷
What is the significance of the 9 dB coupling value in signal loss calculations?
- ⤷ How does 'Directivity' affect the accuracy of this component?
- ⤷ Are there alternative connector types available for the CA2120 series?