CB1-R-12V
AI

## CB1-R-12V Automotive Relay: Technical Overview
The **CB1-R-12V** is a high-power automotive relay manufactured by Panasonic (formerly Matsushita). It is widely used for switching heavy electrical loads in vehicles due to its compact size and high reliability.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Coil Voltage** | 12V DC |
| **Contact Form** | 1 Form C (SPDT - Single Pole Double Throw) |
| **Max Switching Current** | 40A (Normally Open) / 30A (Normally Closed) |
| **Internal Protection** | Integrated Resistor (for Surge Suppression) |
| **Contact Material** | Silver Alloy (Cadmium-free) |
| **Mounting Type** | Plug-in / ISO Terminal Type |
---
### 2. Internal Electronic Components
The "R" in the part number signifies a critical internal component that differentiates it from standard relays:
#### A. The Coil
The core of the relay consists of a copper wire winding. When 12V is applied, it creates an electromagnetic field that moves the internal armature to switch the contacts.
#### B. The Suppression Resistor (The "R" Suffix)
Standard relays can generate a high-voltage "spike" (back-EMF) when the coil is de-energized, which can damage sensitive vehicle electronics (like the ECU).
* The **CB1-R-12V** includes a **built-in resistor** connected in parallel with the coil.
* This resistor dissipates the stored energy safely, protecting the rest of the electrical system.
#### C. Contact System
* **Normally Open (NO):** Rated for 40A.
* **Normally Closed (NC):** Rated for 30A.
* The contacts are designed to handle "Inrush Current," which occurs when devices like motors or halogen bulbs are first turned on.
---
### 3. Terminal Pin Configuration (ISO Layout)
The relay follows the standard automotive 5-pin layout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **85** | Coil Ground | Connection to ground/chassis. |
| **86** | Coil Positive | 12V Trigger signal to activate the relay. |
| **30** | Common (COM) | The main power input source. |
| **87** | Normally Open | Output pin; active only when relay is energized. |
| **87a** | Normally Closed | Output pin; active when relay is at rest. |
---
### 4. Common Applications
Due to its high amperage rating, the CB1-R-12V is typically found in:
* Headlight control circuits.
* Air conditioning (A/C) compressor clutches.
* Radiator fan motors.
* Fuel pump power supply.
- ⤷
What is the difference between using a resistor vs. a diode for surge suppression in this relay?
- ⤷ How does the '1 Form C' contact arrangement differ from '1 Form A'?
- ⤷ Can this relay be used in 24V systems if the current is low enough?