AI

The **CB1-R-24V** is a high-power automotive relay manufactured by Panasonic (formerly Matsushita). It is specifically designed for 24V electrical systems, common in trucks, buses, and industrial machinery.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the CB1-R-24V:
| Feature | Specification |
| :--- | :--- |
| **Nominal Coil Voltage** | 24V DC |
| **Contact Arrangement** | 1 Form C (SPDT - Single Pole Double Throw) |
| **Contact Rating (Resistive)** | 20A at 28V DC |
| **Max. Switching Current** | 20A (Normally Open) / 10A (Normally Closed) |
| **Internal Feature** | **Resistor** built-in (Suppression) |
| **Mounting Type** | Plug-in (ISO terminal layout) |
---
### 2. Electronic Components & Internal Design
#### A. The Coil (Electromagnet)
The coil is designed to operate at 24V DC. When current flows through it, it creates a magnetic field that moves the internal armature to switch the contacts.
#### B. The "R" Suffix (Resistor Suppression)
The "R" in the part number indicates that a **resistor** is wired in parallel with the coil.
- **Purpose:** When a relay coil is turned off, the collapsing magnetic field creates a high-voltage spike (back-EMF).
- **Benefit:** The resistor dissipates this spike, protecting sensitive control electronics (like a vehicle's ECU or a PLC) from electrical noise and damage.
- **Comparison:** Unlike a diode (which is polar), a resistor-suppressed relay is **non-polar**, meaning you can connect positive/negative to either coil terminal (85/86).
#### C. Contact Material
The contacts are typically made of **Silver Alloy** (AgSnO₂). This material is chosen for its excellent resistance to "arc welding" and material transfer, which is common in high-current DC switching.
---
### 3. Terminal Configuration (ISO Standard)
The relay follows the standard automotive terminal numbering:
1. **Terminal 85 & 86:** Coil connections (Power and Ground).
2. **Terminal 30:** Common (COM) - The input power source.
3. **Terminal 87:** Normally Open (NO) - Connected when the relay is active.
4. **Terminal 87a:** Normally Closed (NC) - Connected when the relay is at rest.
---
### 4. Common Applications
Due to its 24V rating and high durability, it is frequently used for:
* Heavy-duty vehicle lighting (Headlights, Fog lights).
* Air conditioning blowers and cooling fans.
* Power windows and motorized gates in 24V systems.
* Fuel pump control in diesel engines.
- ⤷
What is the difference between the 'R' (resistor) and 'D' (diode) versions of this relay?
- ⤷ Can this 24V relay be used in a standard 12V passenger car system?
- ⤷ What is the typical life expectancy (mechanical vs. electrical) of the CB1 series?