CB1AF-T-R-24V
AI

The **CB1AF-T-R-24V** is a high-power automotive relay manufactured by Panasonic. It is specifically designed to handle heavy DC loads and survive harsh environments typical of vehicle engine bays or industrial machinery.
---
### 1. Part Number Breakdown
Understanding the nomenclature reveals the specific features of this component:
| Code | Meaning | Description |
| :--- | :--- | :--- |
| **CB** | Series | Panasonic CB Series Automotive Relay |
| **1A** | Contact Form | 1 Form A (SPST-NO: Single Pole Single Throw, Normally Open) |
| **F** | Mounting/Shape | Flux-tight (Standard type) |
| **T** | Heat Resistance | High heat resistance (up to 125°C) |
| **R** | Suppression | Built-in Resistor for coil surge suppression |
| **24V** | Voltage | 24V DC Nominal coil voltage |
---
### 2. Technical Specifications
Below are the primary electrical and mechanical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Nominal Switching Capacity** | 20A at 28V DC |
| **Max. Switching Current** | 20A |
| **Coil Resistance** | Approx. 320 $\Omega$ (with resistor) |
| **Operating Temperature** | -40°C to +125°C |
| **Mechanical Life** | Min. $10^6$ operations |
| **Contact Material** | AgSnO$_2$ type (Silver Tin Oxide) |
---
### 3. Key Electronic Features
#### A. High Heat Resistance ("T" Suffix)
Standard automotive relays are often rated for 85°C. The "T" designation indicates this part uses high-grade insulation materials allowing it to function reliably in high-temperature environments, such as near an engine or in heavy industrial equipment.
#### B. Resistor for Surge Suppression ("R" Suffix)
When a relay coil is de-energized, the collapsing magnetic field creates a high-voltage spike (back EMF).
* This model includes an **internal resistor** wired in parallel with the coil.
* The resistor dissipates the energy of the spike, protecting sensitive electronic control units (ECUs) or transistors driving the relay from voltage damage.
#### C. Contact Arrangement (1 Form A)
This is a "Normally Open" relay. The circuit remains broken until the 24V coil is energized, at which point the internal switch closes to power the load.
---
### 4. Typical Applications
* **Heavy Duty Vehicles:** Trucks, buses, and construction equipment utilizing 24V electrical systems.
* **Engine Components:** Cooling fans, fuel pumps, and glow plugs.
* **Industrial Automation:** Actuators and motors requiring 24V DC control.
- ⤷
What is the difference between using a resistor vs. a diode for coil suppression in this relay?
- ⤷ Can this relay be used in a 12V system if necessary?
- ⤷ How does the 'Flux-tight' construction protect the internal components?