CB1F-R-24V
AI

## Overview of the CB1F-R-24V Relay
The **CB1F-R-24V** is a high-capacity automotive power relay manufactured by Panasonic (formerly Matsushita). It is specifically designed for 24V DC systems, common in heavy-duty vehicles like trucks, buses, and construction machinery.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Coil Voltage** | 24V DC |
| **Contact Form** | 1 Form C (SPDT - Single Pole Double Throw) |
| **Contact Current Rating** | 20A (NO) / 10A (NC) at 28V DC |
| **Coil Resistance** | Approx. 320 $\Omega$ |
| **Mounting Type** | Plug-in / ISO Terminal |
| **Protection** | Built-in Resistor (Internal) |
| **Sealing** | Flux-resistant / Flux-tight |
---
### Key Electronic Components & Features
#### 1. Internal Resistor ("R" Suffix)
The "R" in the part number signifies that this relay includes an **internal resistor** wired in parallel with the coil.
* **Purpose:** It acts as a suppression device to absorb "Back EMF" (Voltage Spikes) generated when the relay coil is de-energized.
* **Benefit:** Protects sensitive electronic control units (ECUs) and transistors from high-voltage transients without the polarity sensitivity of a diode.
#### 2. Contact Arrangement (1 Form C)
This relay features a **SPDT** configuration, meaning it has one common terminal (COM) that can switch between a Normally Closed (NC) contact and a Normally Open (NO) contact.
#### 3. Terminal Layout (ISO standard)
The part uses a standard mini-ISO terminal layout:
* **Terminals 85 & 86:** Coil connections.
* **Terminal 30:** Common (COM).
* **Terminal 87:** Normally Open (NO).
* **Terminal 87a:** Normally Closed (NC).
---
### Application Usage
Because of its 24V rating and high current capacity, it is primarily used for:
* **Heavy Vehicle Lighting:** Headlights and fog lamps.
* **Motors:** Wipers, fans, and power windows in trucks.
* **Safety Systems:** ABS systems and fuel pump controls.
- ⤷
What is the difference between the 'R' resistor version and a 'D' diode version of this relay?
- ⤷ Can this relay be used in a 12V automotive system?
- ⤷ What is the maximum operating temperature for the CB1F series?