CCFH0805-R68
AI

## Analysis of the CCFH0805-R68 Electronic Component
The **CCFH0805-R68** is a Surface Mount Device (SMD) inductor, specifically a high-frequency wire-wound chip inductor. These components are designed for high-frequency applications where stability and low loss are critical.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CCFH** | Series / Type | High-frequency ceramic core inductor. |
| **0805** | Case Size | Industry standard 0805 package (2.0mm x 1.25mm). |
| **R68** | Inductance Value | **0.68 µH** (680 nH). The 'R' acts as a decimal point. |
---
### 2. Key Technical Specifications
While exact specifications can vary slightly by manufacturer (such as Coilcraft or Walsin), the standard parameters for a 0805 R68 high-frequency inductor are typically:
* **Inductance:** 680 nH (0.68 µH)
* **Tolerance:** Commonly ±5% (J) or ±10% (K)
* **Self-Resonant Frequency (SRF):** Typically > 500 MHz (critical for high-speed circuits)
* **DC Resistance (DCR):** Low resistance, usually ranging from 0.8 to 1.5 Ohms
* **Rated Current:** Usually between 150mA and 400mA depending on the specific series rating
* **Operating Temperature:** -40°C to +125°C
---
### 3. Construction and Material
* **Core Material:** Usually **Ceramic**. Ceramic cores provide excellent frequency response and high SRF but offer lower inductance values compared to ferrite cores.
* **Winding:** Fine copper wire wound around the ceramic body.
* **Termination:** Lead-free plating (usually Tin over Nickel/Silver) for standard SMT reflow soldering.
---
### 4. Common Applications
Due to its high-frequency stability and 0805 footprint, this part is commonly used in:
1. **RF Circuits:** Matching networks and filters in wireless communication devices.
2. **Bluetooth/WLAN:** Signal conditioning in 2.4GHz and 5GHz modules.
3. **High-Speed Data Lines:** EMI suppression and noise decoupling.
4. **Oscillators:** Serving as a frequency-determining element in LC tank circuits.
---
### 5. Mechanical Dimensions (0805 Metric 2012)
| Dimension | Millimeters (mm) | Inches (in) |
| :--- | :--- | :--- |
| Length (L) | 2.00 ± 0.20 | 0.079 ± 0.008 |
| Width (W) | 1.25 ± 0.20 | 0.049 ± 0.008 |
| Height (H) | 1.20 ± 0.20 | 0.047 ± 0.008 |
- ⤷
What is the difference between a ceramic core and a ferrite core inductor in 0805 sizing?
- ⤷ How does the Self-Resonant Frequency (SRF) affect the performance of the R68 inductor?
- ⤷ What are the typical soldering profile requirements for this SMD component?