CCP-32N6D-R
AI

The **CCP-32N6D-R** is a specific type of electronic component typically categorized as a **Chip Capacitor Network** or an **Array**. These parts are designed to integrate multiple capacitors into a single surface-mount package to save board space and simplify assembly.
Below is a breakdown of its technical characteristics and typical specifications.
---
### 1. Component Overview
The CCP series generally refers to **Ceramic Chip Capacitor Networks**. The "32" in the part number usually denotes the physical dimensions (often corresponding to an EIA 1206 footprint for the entire package).
| Feature | Description |
| :--- | :--- |
| **Component Type** | Capacitor Array / Network |
| **Dielectric Material** | Typically NPO (C0G) or X7R |
| **Package Style** | SMD (Surface Mount Device) |
| **Number of Elements** | Usually 2 or 4 isolated capacitors per chip |
| **Termination** | Lead-free (RoHS Compliant), denoted by the "-R" |
---
### 2. Technical Specifications
While exact values can vary based on the manufacturer’s specific sub-series, the coding follows this general logic:
* **Size (32):** Refers to the 3.2mm x 1.6mm (Metric 3216 / EIA 1206) outer dimensions.
* **Circuit Type (N):** Often indicates an "Isolated" circuit type, meaning each capacitor in the array has its own pair of terminals.
* **Capacitance Code (6D):** This is a manufacturer-specific code representing the picofarad (pF) value and tolerance.
* **RoHS Compliance (-R):** Indicates that the part meets environmental standards for lead-free materials.
---
### 3. Advantages of Using the CCP-32N6D-R
Using a capacitor array instead of individual 0603 or 0402 discrete capacitors provides several benefits in PCB design:
1. **Space Efficiency:** Replaces multiple discrete components with one single chip, reducing the total "footprint" on the PCB.
2. **Assembly Speed:** High-speed pick-and-place machines can populate the board faster because one "hit" places multiple capacitors.
3. **Cross-Talk Reduction:** Designed with internal shielding to minimize interference between the adjacent capacitive elements.
4. **Cost:** Reduces the overall Bill of Materials (BOM) line items and handling costs.
---
### 4. Typical Applications
These components are widely used in high-density electronics where filtering and decoupling are required across multiple signal lines:
* **Data Lines:** I/O interface filtering for computers and peripherals.
* **Mobile Devices:** Smart phones and tablets where internal space is at a premium.
* **Digital Circuits:** Decoupling multiple pins on a single IC (Integrated Circuit).
- ⤷
What is the exact capacitance value represented by the '6D' code?
- ⤷ Which manufacturers are the primary producers of the CCP-32N series?
- ⤷ Can this part be used in high-frequency RF applications?