CCP-32N6E-R
AI

The **CCP-32N6E-R** is a specific electronic component, primarily recognized as a **high-voltage ceramic capacitor** or a **spark gap/surge protector** variant manufactured by companies like **TDK** or **Okaya Electric**.
These parts are critical in power supply design for protection against transient voltages and electromagnetic interference (EMI).
---
### 1. Technical Specifications
The part number typically breaks down into the following characteristics:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Surge Absorber / Ceramic Capacitor |
| **Rated Voltage** | 3.2kV (3200V) |
| **Tolerance** | ±20% |
| **Mounting Type** | Through-hole (Radial Leads) |
| **Dielectric Material** | Ceramic (High Stability) |
| **Safety Standard** | Often UL/CSA recognized for line-bypass |
---
### 2. Key Electronic Functions
The CCP-32N6E-R serves three primary roles in a circuit:
1. **Surge Protection:** It acts as a "pressure valve" for electricity. If a sudden spike (like a lightning strike or grid fluctuation) occurs, the part shunts the excess energy to the ground, protecting sensitive ICs.
2. **EMI/RFI Filtering:** It filters out high-frequency noise from the power line, ensuring the device complies with electromagnetic compatibility (EMC) regulations.
3. **Isolation:** Because it is rated for 3.2kV, it provides a physical barrier between the AC high-voltage side and the DC low-voltage side of a power supply.
---
### 3. Common Applications
This part is usually found in the "front-end" of electronic devices where the power cord enters the unit:
* **Switching Power Supplies (SMPS):** Used in the primary circuit.
* **Air Conditioners & Large Appliances:** To protect control boards from motor-induced spikes.
* **LCD/LED Monitors:** Specifically in the inverter or power board.
* **Office Equipment:** Photocopiers and printers that require high dielectric strength.
---
### 4. Circuit Symbol and Placement
In a schematic diagram, this part is often placed between the **Line (L)** and **Ground (G)** or **Neutral (N)** and **Ground**.
```text
AC LINE (L) ----+---- [ CCP-32N6E-R ] ---- GROUND
|
(Main Circuit)
```
---
- ⤷
What are the alternative replacement parts for the CCP-32N6E-R?
- ⤷ How do I test if this capacitor has failed using a multimeter?
- ⤷ What is the difference between a standard ceramic capacitor and a surge-rated ceramic capacitor?