CCP-33SXD-RNS
AI

The **CCP-33SXD-RNS** is a high-performance coaxial switch manufactured by Teledyne Relays (specifically within their Coaxial Switches division). This specific model belongs to the **CCP-33 Series**, which consists of SPDT (Single Pole Double Throw) electromechanical switches designed for microwave frequencies.
---
### 1. Technical Specifications
The following table outlines the primary electronic and physical characteristics of the CCP-33SXD-RNS:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | SPDT (Single Pole Double Throw) |
| **Actuator Type** | Failsafe |
| **Frequency Range** | DC to 18 GHz |
| **Impedance** | 50 Ohms |
| **Operating Voltage** | 24V to 30V DC (Typical 28V) |
| **RF Connector** | SMA (Female) |
| **Actuation Current** | ~140 mA @ 28VDC |
| **Switching Time** | 15 ms (Max) |
---
### 2. Breakdown of Model Suffixes
The alphanumeric code provides specific details about the component's internal circuitry and physical interface:
* **CCP-33**: The basic series (Commercial SPDT, DC-18GHz).
* **S**: **SMA Connectors**. Standard interface for microwave applications.
* **X**: **Failsafe**. This means the switch returns to a "default" position when power is removed.
* **D**: **Indicators**. Includes internal circuitry to provide a logic signal indicating the current state of the switch.
* **R**: **TTL Driver**. Allows the switch to be controlled via low-power logic signals (0-5V) rather than switching the full 28V supply.
* **NS**: **Narrow Shell**. A compact housing design for high-density PCB or chassis mounting.
---
### 3. Key Features & Applications
#### Electronic Features
* **High Isolation**: Maintains signal integrity by preventing leakage between the "on" and "off" ports (typically >60dB at high frequencies).
* **Low Insertion Loss**: Minimizes signal power loss as it passes through the switch.
* **TTL Compatibility**: The "R" designation allows direct interface with microcontrollers or FPGA control logic without needing external power transistors.
#### Typical Applications
1. **Automated Test Equipment (ATE)**: Routing signals between a Device Under Test (DUT) and measurement instruments.
2. **Telecommunications**: Switching between primary and redundant signal paths in base stations.
3. **Satellite Communications**: High-reliability RF signal routing.
---
### 4. Typical Wiring Diagram (Functional)
```text
[ Control Signal (TTL) ] ----> [ Internal Driver ] ----> [ Solenoid Coil ]
|
[ Indicator Output ] <-------- [ Internal Sensor ] <-----------+
|
[ RF Port 1 ] <----------\ |
[ Mechanically Linked Arm ] ---------/
[ RF Port 2 ] <----------/
```
- ⤷
What is the difference between Failsafe and Latching versions of this switch?
- ⤷ How does the TTL driver circuit simplify the integration process?
- ⤷ What are the environmental temperature limits for the CCP-33 series?