CCR-33K60-R
AI

## CCR-33K60-R: Technical Overview
The **CCR-33K60-R** is a high-performance **Electromechanical Coaxial Switch** manufactured by Teledyne Relays. It is specifically designed for radio frequency (RF) applications where low insertion loss and high isolation are critical.
---
### 1. General Specifications
The "CCR-33" series typically represents a DPDT (Double Pole Double Throw) or Transfer switch configuration.
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Transfer (DPDT) |
| **Frequency Range** | DC to 18 GHz |
| **Impedance** | 50 Ohms |
| **Actuation Type** | Latching |
| **Voltage (Nominal)** | 28 Vdc |
| **Connector Type** | SMA (Female) |
---
### 2. Key Electronic Components & Mechanics
The internal operation of the CCR-33K60-R involves a blend of precision mechanical parts and electronic control circuits:
#### A. The Actuator (Latching Mechanism)
Unlike "failsafe" switches that return to a default state when power is removed, this unit is **latching**.
* **Dual Coils:** It uses two internal coils to move the RF contacts.
* **Power Efficiency:** Power is only required for a few milliseconds to "flip" the switch position. Once toggled, it remains in that state without consuming power.
#### B. Contact System
* **Gold-Plated Contacts:** To ensure low resistance and prevent oxidation over millions of cycles.
* **Wiping Action:** The mechanical design includes a wiping motion to clear debris and maintain signal integrity.
#### C. Control Circuitry
The "R" suffix often indicates specific circuit options, such as **Solder Terminals** or integrated **Suppression Diodes**.
* **Transient Suppression:** Internal diodes are often included to protect the driving electronics from "back EMF" (voltage spikes) when the coils are de-energized.
* **Indicators (Optional):** Some variants include auxiliary contacts to provide electronic feedback on the switch's physical position.
---
### 3. RF Performance Characteristics
At its maximum frequency (18 GHz), the electronic path is engineered for minimal signal degradation:
| Parameter | Performance (at 18 GHz) |
| :--- | :--- |
| **Insertion Loss** | 0.50 dB (Max) |
| **Isolation** | 60 dB (Min) |
| **VSWR** | 1.50:1 (Max) |
---
### 4. Typical Applications
* **Signal Routing:** Switching between two different RF paths in a test bench.
* **Redundancy:** Switching to a backup transmitter/antenna if the primary fails.
* **Automated Test Equipment (ATE):** High-speed RF testing where durability is required (typically rated for 5 million cycles).
- ⤷
What is the difference between a latching and a failsafe RF switch?
- ⤷ How does the 'R' suffix specifically change the electrical wiring of this switch?
- ⤷ What are the power handling capabilities of the SMA connectors in this model?