CCR-39SX70-RMS
AI

The **CCR-39SX70-RMS** is a high-performance electromechanical coaxial switch manufactured by Teledyne Relays. It belongs to the **CCR-39 series**, which are designed for applications requiring extremely high frequency (RF) signal routing with low insertion loss and high isolation.
---
### 1. Technical Specifications
The following table highlights the core electronic and mechanical parameters of the CCR-39SX70-RMS:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Switch Type** | SPDT | Single Pole Double Throw |
| **Frequency Range** | DC to 18 GHz | Supports microwave and RF bands |
| **Actuator Voltage** | 28 Vdc | Standard operating voltage for the coil |
| **Actuator Type** | Latching | Remains in the last state without continuous power |
| **Connector Type** | SMA (Female) | Standard sub-miniature version A connectors |
| **Impedance** | 50 Ohms | Standard RF system impedance |
| **Special Feature** | Self-Cutoff | Automatically disconnects drive current once switched |
---
### 2. Breakdown of the Model Number
The alphanumeric code provides specific details about the component's internal electronics and physical configuration:
* **CCR-39S**: Represents the basic series (Coaxial, SPDT, high-performance).
* **X**: Indicates a specific mounting or functional option (often referring to the circuitry/logic interface).
* **7**: Refers to the **Actuator Voltage** (In Teledyne's nomenclature, 7 usually signifies 28V).
* **0**: Standard options for indicators/suppression.
* **RMS**: This suffix typically denotes specialized features such as **D-Sub connectors**, **Indicators**, or specific **TTL logic** compatibility depending on the exact sub-catalog datasheet.
---
### 3. Key Electronic Components & Features
#### A. Latching Actuator with Self-Cutoff
Unlike "Failsafe" switches that require constant power to stay in a specific position, the **Latching** mechanism in this part uses a permanent magnet. Once the pulse is applied, it "clicks" into place and stays there. The **Self-Cutoff** feature is a internal circuit that cuts power to the coil immediately after the switch has moved, preventing overheating and reducing total system power consumption.
#### B. RF Performance (The "Business" Side)
The internal contact mechanism is designed for "Cold Switching" (though it can handle "Hot Switching" at lower power levels). It utilizes gold-plated contacts to ensure:
* **Low Insertion Loss:** Minimal signal degradation as the wave passes through.
* **High Isolation:** Prevents signal leakage between the "on" port and the "off" port.
#### C. Control Interface
The "RMS" configuration often includes a multi-pin connector (like a D-Sub) rather than individual solder pins. This allows for:
1. **Command Pins:** To trigger the latching mechanism.
2. **Indicator Pins:** Feedback circuits that allow an external computer to "read" the physical state of the switch.
---
### 4. Typical Applications
* **Satellite Communications:** Switching between primary and redundant amplifiers.
* **Automated Test Equipment (ATE):** Routing signals from a Device Under Test (DUT) to various measurement instruments.
* **Military Radar:** High-reliability signal path selection.
- ⤷
What is the power consumption difference between the latching and failsafe versions of this switch?
- ⤷ What are the specific pinout configurations for the RMS D-Sub connector?
- ⤷ Can this switch be controlled using 5V TTL logic directly?