CCRT-53SX0-R
AI

The **CCRT-53SX0-R** is a high-performance **Electromechanical Coaxial Switch** manufactured by Teledyne Relays. It is primarily used in RF (Radio Frequency) and microwave applications to route signals between a common port and multiple output ports.
---
### 1. Key Technical Specifications
The device is part of the **CCR-53 Series**, which are multi-throw switches designed for high-frequency precision.
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | DC to 18 GHz (Standard) |
| **Switch Type** | SP3T (Single Pole, Triple Throw) |
| **Actuator Type** | Latching |
| **Coil Voltage** | 28 VDC (Typical for this series) |
| **Impedance** | 50 Ohms |
| **Connector Type** | SMA (Female) |
| **Operational Temperature** | -55°C to +85°C |
---
### 2. Detailed Electronic Characteristics
#### A. RF Performance
The "SX0" designation typically refers to specific performance characteristics regarding isolation and insertion loss:
* **Insertion Loss:** Very low (typically < 0.5 dB at 18 GHz), ensuring signal integrity.
* **Isolation:** High (typically > 60 dB), preventing signal leakage into inactive ports.
* **VSWR (Voltage Standing Wave Ratio):** Low (typically < 1.5:1), minimizing signal reflection.
#### B. Actuator Mechanism (Latching)
Unlike "failsafe" switches that require continuous power to stay in a specific position, the **Latching** mechanism in the CCRT-53SX0-R:
* Only requires a brief pulse of current to switch states.
* Remains in its last position if power is lost.
* Significantly reduces power consumption and heat dissipation in the system.
#### C. Control Interface
The "T" in the part number usually indicates **TTL Logic Compatibility**. This means the switch can be controlled directly by digital circuits or microcontrollers (0V for OFF, 5V for ON) rather than needing a high-power analog driver.
---
### 3. Pinout and Connection Logic
The device uses a circular or D-sub connector for control signals. Below is the general logic for a 3-way switch:
```text
Control Logic (Example):
- Port 1 Active: Apply pulse to Pin 1 (Logic High)
- Port 2 Active: Apply pulse to Pin 2 (Logic High)
- Port 3 Active: Apply pulse to Pin 3 (Logic High)
- Reset: Clears all paths (if applicable)
```
---
### 4. Typical Applications
* **Test and Measurement:** Automated test equipment (ATE) for switching between different DUTs (Devices Under Test).
* **Telecommunications:** Signal routing in satellite ground stations or base stations.
* **Military/Aerospace:** Ruggedized switching in radar and electronic warfare systems.
- ⤷
What is the difference between the CCRT-53SX0-R latching model and a failsafe model?
- ⤷ How do I calculate the power requirements for the TTL control circuit?
- ⤷ Are there specific mounting orientations required for this switch?