CCRT-53SXE-R
AI

The **CCRT-53SXE-R** is a specialized high-performance electromechanical coaxial switch manufactured by Teledyne Relays. It belongs to the **CRT-53 series**, which are designed for high-frequency RF applications requiring ultra-fast switching speeds and high reliability.
---
### 1. General Specifications
The CCRT-53SXE-R is a **SPDT (Single Pole Double Throw)** switch. Below is a breakdown of its core electronic and mechanical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Coaxial / Electromechanical |
| **Configuration** | SPDT (1 Input, 2 Outputs) |
| **Frequency Range** | DC to 26.5 GHz |
| **Actuator Type** | Latching |
| **Operating Voltage** | 28V DC (Nominal) |
| **Actuator Current** | ~125 mA at 28V |
| **Switching Time** | 10 ms (Max) |
---
### 2. Key Electronic Features
The model suffix **"SXE-R"** indicates specific built-in features that enhance its performance and integration:
#### A. Latching Actuator ("S")
Unlike "failsafe" switches that require constant power to stay in a specific position, this **latching** switch uses a pulse of power to flip the state. Once switched, it remains in that position without consuming power, which minimizes heat dissipation within the component.
#### B. Electronic Terminals ("E")
The "E" designates the inclusion of internal **Squelch/Electronic** features, typically meaning it includes:
* **Indicator Circuitry:** Provides a feedback signal to the user (or a control system) to confirm the switch has successfully reached the desired position.
* **Arc Suppression Diodes:** Protects the driving circuitry from back-EMF spikes generated by the relay coils.
#### C. Environmental & Connector Type ("R")
The "R" refers to the **SMA Female** connectors and specific RoHS compliance standards or environmental sealing levels suitable for aerospace and telecommunications environments.
---
### 3. RF Performance Metrics
At high frequencies, the electronic integrity of the signal path is critical. The CCRT-53SXE-R provides the following RF characteristics:
| Frequency (GHz) | VSWR (Max) | Insertion Loss (dB Max) | Isolation (dB Min) |
| :--- | :--- | :--- | :--- |
| **DC – 6** | 1.25:1 | 0.20 | 70 |
| **6 – 12** | 1.40:1 | 0.40 | 60 |
| **12 – 18** | 1.50:1 | 0.50 | 60 |
| **18 – 26.5** | 1.80:1 | 0.70 | 50 |
---
### 4. Application Areas
Because of its high precision and low signal loss, this part is commonly used in:
1. **Automated Test Equipment (ATE):** Routing high-frequency signals between instruments and devices under test.
2. **Satellite Communications:** High-reliability switching in ground stations.
3. **Radar Systems:** Pulse routing and signal processing paths.
4. **Telecom Infrastructure:** Switching between redundant antenna paths.
- ⤷
What is the difference between latching and failsafe actuators in coaxial switches?
- ⤷ How do internal diodes protect the control circuit in the CCRT-53SXE-R?
- ⤷ What are the mounting requirements for SMA female connectors in high-frequency applications?