CCT-39S950-R
AI

The **CCT-39S950-R** is a high-performance, multi-position coaxial switch typically manufactured by **Teledyne Relays**. It is designed for RF (Radio Frequency) and microwave applications where signal routing with high isolation and low insertion loss is critical.
---
### 1. Key Technical Specifications
The "CCT" series typically refers to a **normally open** multi-throw configuration. Below is a breakdown of the primary electronic characteristics for this specific model:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Frequency Range** | DC to 18 GHz |
| **Impedance** | 50 Ohms |
| **Switch Type** | SP10T (Single Pole, 10 Throw) |
| **Actuator Voltage** | 24V - 30V DC (28V Nominal) |
| **Actuator Type** | Normally Open |
| **Connector Type** | SMA (Female) |
---
### 2. Electronic Component Breakdown
#### A. The Actuator System
The device uses an electromagnetic solenoid mechanism. Since it is **Normally Open**, the switch requires constant current to hold a specific path closed.
* **Pulse Width:** Requires a specific pull-in voltage to transition.
* **Current Consumption:** Typically draws around 140mA - 200mA per position at 28VDC.
#### B. RF Contact Mechanism
The internal "parts" of the RF path are engineered using high-precision metal blades.
* **Isolation:** Designed to prevent "bleed-through" between channels, usually maintaining >60dB isolation at high frequencies.
* **Insertion Loss:** Uses gold-plated contacts to keep signal degradation below 0.5dB even at 18 GHz.
#### C. Control Logic (The "-R" Suffix)
The **-R** in the part number often signifies specific features like **Positive Common** or **RoHS compliance** (depending on the specific series cataloging). In modern Teledyne nomenclature:
* **Indicators:** This model may include internal circuitry to provide feedback signals indicating which position is currently closed.
* **Suppression Diodes:** Usually includes internal diodes to protect your control circuitry from "back EMF" (voltage spikes) when the coils are de-energized.
---
### 3. Connection Pinout Structure
Typically, these switches utilize a D-sub connector or a circular solder pin header for control:
| Pin Type | Function |
| :--- | :--- |
| **Common (+) / (-)** | The shared power return for all solenoids. |
| **Position 1-10** | Individual trigger pins for each RF path. |
| **Indicator Pins** | (Optional) Logic level outputs to verify physical switching. |
---
### 4. Common Applications
* **Automated Test Equipment (ATE):** Routing one signal source to 10 different units under test.
* **Satellite Communications:** Switching between redundant antenna arrays.
* **Signal Monitoring:** Sequential scanning of multiple RF inputs into a single Spectrum Analyzer.
- ⤷
What is the maximum power rating for the CCT-39S950-R at 18 GHz?
- ⤷ Does this model include internal 50-ohm terminations for unused ports?
- ⤷ What is the mechanical switching speed (switching time) for this SP10T switch?