CD1408-R1400
AI

## CD1408-R1400: Component Overview
The **CD1408-R1400** is a Surface Mount Device (SMD) **Fast Response Rectifier Diode** manufactured by Bourns. It is specifically designed for rectification applications in small form-factor electronics, utilizing a unique chip-on-glass technology.
---
### 1. Key Technical Specifications
The following table highlights the critical electrical characteristics of the CD1408-R1400:
| Parameter | Value |
| :--- | :--- |
| **Component Type** | Rectifier Diode |
| **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 400 V |
| **Maximum Average Forward Current ($I_{F(AV)}$)** | 1.0 A |
| **Maximum Forward Voltage Drop ($V_F$)** | 1.3 V @ 1.0 A |
| **Reverse Recovery Time ($t_{rr}$)** | 500 ns |
| **Operating Temperature Range** | -55°C to +150°C |
| **Package Style** | SOD-123FL (Compatible with 1408) |
---
### 2. Physical and Material Features
* **Package Construction:** It utilizes a **1408 (3520 Metric) Chip Configuration**. Unlike standard plastic-molded diodes, this series often uses a leadless design which reduces inductance.
* **Termination:** Features solder-plated terminations, making it compatible with standard reflow soldering processes.
* **Low Profile:** The "1408" footprint is specifically designed to save vertical space on Printed Circuit Boards (PCBs).
---
### 3. Applications and Usage
The CD1408-R1400 is typically integrated into the following circuits:
1. **AC-DC Rectification:** Used in small power supplies to convert alternating current to direct current.
2. **Freewheeling Diodes:** Protects circuits from voltage spikes generated by inductive loads (motors, relays).
3. **Polarity Protection:** Prevents damage to a circuit if the battery or power supply is connected backwards.
4. **Switching Power Supplies:** Its fast response (500ns) allows it to handle higher frequencies than standard "General Purpose" (1N400x series) diodes.
---
### 4. Comparison: Standard vs. Fast Rectifier
| Feature | Standard (e.g., 1N4004) | CD1408-R1400 |
| :--- | :--- | :--- |
| **Recovery Speed** | Slow (>2000ns) | Fast (500ns) |
| **Form Factor** | Through-hole or Large SMD | Ultra-slim 1408 SMD |
| **Efficiency** | Lower at high frequency | Higher at high frequency |
- ⤷
What are the main advantages of the 1408 package over the standard SOD-123?
- ⤷ How does the reverse recovery time (trr) affect the efficiency of a power supply?
- ⤷ Can the CD1408-R1400 be used in automotive applications?